Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9269US24I Datasheet(PDF) 3 Page - Xicor Inc.

Part # X9269US24I
Description  Dual Digitally-Controlled Potentiometers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9269US24I Datasheet(HTML) 3 Page - Xicor Inc.

  X9269US24I Datasheet HTML 1Page - Xicor Inc. X9269US24I Datasheet HTML 2Page - Xicor Inc. X9269US24I Datasheet HTML 3Page - Xicor Inc. X9269US24I Datasheet HTML 4Page - Xicor Inc. X9269US24I Datasheet HTML 5Page - Xicor Inc. X9269US24I Datasheet HTML 6Page - Xicor Inc. X9269US24I Datasheet HTML 7Page - Xicor Inc. X9269US24I Datasheet HTML 8Page - Xicor Inc. X9269US24I Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
X9269
REV 1.1.11 2/17/03
Characteristics subject to change without notice.
3 of 25
www.xicor.com
PIN CONFIGURATION
PIN ASSIGNMENTS
Pin
(SOIC/TSSOP)
Pin
(CSP)
Symbol
Function
1
C2
NC
No Connect
2
D2
A0
Device Address for 2-Wire bus.
3
N/A
NC
No Connect
4
N/A
NC
No Connect
5
N/A
NC
No Connect
6
N/A
NC
No Connect
7D1
VCC
System Supply Voltage
8C1
RL0
Low Terminal for Potentiometer 0.
9A1
RH0
High Terminal for Potentiometer 0.
10
B1
RW0
Wiper Terminal for Potentiometer 0.
11
A2
A2
Device Address for 2-Wire bus.
12
B2
WP
Hardware Write Protect
13
B3
SDA
Serial Data Input/Output for 2-Wire bus.
14
A3
A1
Device Address for 2-Wire bus.
15
B4
RL1
Low Terminal for Potentiometer 1.
16
A4
RH1
High Terminal for Potentiometer 1.
17
C4
RW1
Wiper Terminal for Potentiometer 1.
18
D4
VSS
System Ground
19
N/A
NC
No Connect
20
N/A
NC
No Connect
21
N/A
NC
No Connect
22
N/A
NC
No Connect
23
D3
SCL
Serial Clock for 2-Wire bus.
24
C3
A3
Device Address for 2-Wire bus.
NC
A0
NC
NC
VCC
RL0
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
A3
SCL
NC
NC
NC
NC
VSS
RW1
RH1
RL1
SOIC/TSSOP
X9269
NC
14
13
11
12
NC
RH0
RW0
A2
A1
SDA
WP
CSP
2
3
4
A
B
C
D
Top View–Bumps Down
1
RH0
A2
A1
RH1
RW0
WP
SDA
RL1
RL0
NC
A3
RW1
VCC
A0
SCL
VSS


Similar Part No. - X9269US24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9269US24I INTERSIL-X9269US24I Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9269US24I INTERSIL-X9269US24I Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
logo
Renesas Technology Corp
X9269US24I RENESAS-X9269US24I Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
logo
Intersil Corporation
X9269US24I-2.7 INTERSIL-X9269US24I-2.7 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9269US24I-2.7 INTERSIL-X9269US24I-2.7 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
More results

Similar Description - X9269US24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com