Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG13D Datasheet(PDF) 3 Page - BeRex Corporation

Part # BG13D
Description  5-6000 MHz Cascadable InGaP HBT Gain Block
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BG13D Datasheet(HTML) 3 Page - BeRex Corporation

  BG13D Datasheet HTML 1Page - BeRex Corporation BG13D Datasheet HTML 2Page - BeRex Corporation BG13D Datasheet HTML 3Page - BeRex Corporation BG13D Datasheet HTML 4Page - BeRex Corporation BG13D Datasheet HTML 5Page - BeRex Corporation BG13D Datasheet HTML 6Page - BeRex Corporation BG13D Datasheet HTML 7Page - BeRex Corporation BG13D Datasheet HTML 8Page - BeRex Corporation BG13D Datasheet HTML 9Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
5-6000 MHz Cascadable InGaP HBT Gain Block
BG13D
S-Parameter
(Vdevice = 5.0V, Icc = 65mA, T = 25 °C, calibrated to device leads)
Typical Performance (Vd = 5V, Ic = 65mA, T = 25°C)
Freq
MHz
500
900
1900
2140
2450
3500
5800
S21
dB
25.4
24.5
21.5
20.7
20.0
19.0
14
S11
dB
-13.0
-15.0
-12.0
-12.0
-10.0
-8.5
-7.4
S22
dB
-8.4
-10.1
-8.8
-8.5
-8.0
-7.4
-11.1
P1
dBm
19.0
19.0
19.0
19.0
19.0
19.0
26.5
OIP3
dBm
32.0
32.0
32.0
31.5
31.0
30.0
15.4
NF
dB
4.0
4.0
4.2
4.3
4.5
4.8
7.5
Typical Performance (Vd = 4.7V, Ic = 44mA, T = 25°C)
Freq
MHz
70
500
900
1900
2140
2450
3500
S21
dB
25.1
24
23.6
21.2
20.5
19.8
17.9
S11
dB
-11.0
-9.5
-10.4
-10.3
-10.0
-10.1
-8.6
S22
dB
-4.8
-5.5
-6.2
-7.5
-7.4
-7.9
-9.2
P1
dBm
14.8
15.2
15.2
16.1
13.5
16.1
15.4
OIP3
dBm
28.0
26.0
26.5
27.5
26.5
27.5
26.5
NF
dB
4.0
4.0
4.2
4.3
4.5
4.8
Typical Performance (Vd = 4.5V, Ic = 34mA, T = 25°C)
Freq
MHz
70
500
900
1900
2140
2450
3500
S21
dB
24.8
23.1
23.1
20.6
20.5
19.3
17.7
S11
dB
-9.8
-8.6
-9.4
-9.5
-9.3
-9.4
-8.1
S22
dB
-4.3
-5.0
-5.5
-6.7
-6.6
-7.2
-8.5
P1
dBm
14.4
14.1
14.1
13.8
13.8
15.2
15.4
OIP3
dBm
26.0
23.0
23.0
23.5
23.0
23.5
22.5
NF
dB
4.0
4.0
4.0
4.2
4.3
4.5
4.8
Rev. F
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Freq
[MHz]
S11
[Mag]
S11
[Ang]
S21
[Mag]
S21
[Ang]
S12
[Mag]
S12
[Ang]
S22
[Mag]
S22
[Ang]
100
0.19
-0.46
19.04
173.85
0.03
-0.08
0.43
-4.74
500
0.19
-6.54
18.12
149.88
0.03
4.59
0.40
-24.19
1000
0.19
-20.36
15.80
123.38
0.03
6.88
0.34
-48.91
1500
0.19
-41.11
13.45
100.96
0.04
12.80
0.28
-71.76
2000
0.21
-60.32
11.64
81.48
0.04
11.92
0.25
-91.33
2500
0.20
-77.29
10.11
63.62
0.04
10.09
0.24
-111.84
3000
0.16
-101.04
8.96
47.76
0.04
9.95
0.23
-133.60
3500
0.14
-146.26
8.22
31.52
0.05
6.69
0.24
-158.27
4000
0.21
174.11
7.40
15.16
0.05
1.75
0.27
-178.94
6000
0.47
145.01
5.01
-41.90
0.06
-19.25
0.42
171.14


Similar Part No. - BG13D

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG13D BEREX-BG13D Datasheet
678Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG13D BEREX-BG13D Datasheet
1Mb / 9P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG13D BEREX-BG13D_18 Datasheet
1Mb / 9P
   5-4000 MHz Cascadable InGaP HBT Gain Block
More results

Similar Description - BG13D

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG14B BEREX-BG14B_15 Datasheet
1Mb / 10P
   5-6000 MHz Cascadable InGaP HBT Gain Block
BG17C BEREX-BG17C_15 Datasheet
1Mb / 9P
   5-6000 MHz Cascadable InGaP HBT Gain Block
BG13B BEREX-BG13B_15 Datasheet
1,021Kb / 10P
   5-6000 MHz Cascadable InGaP HBT Gain Block
BG14A BEREX-BG14A_15 Datasheet
1Mb / 10P
   5-6000 MHz Cascadable InGaP HBT Gain Block
BG16C BEREX-BG16C_18 Datasheet
1Mb / 9P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG17A BEREX-BG17A_18 Datasheet
1Mb / 9P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18B BEREX-BG18B_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG13B BEREX-BG13B_18 Datasheet
972Kb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-52663 AVAGO-AVT-52663 Datasheet
416Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-51663 BOARDCOM-AVT-51663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com