Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG18A Datasheet(PDF) 6 Page - BeRex Corporation

Part # BG18A
Description  5-4000 MHz Cascadable InGaP HBT Gain Block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BG18A Datasheet(HTML) 6 Page - BeRex Corporation

Back Button BG18A Datasheet HTML 2Page - BeRex Corporation BG18A Datasheet HTML 3Page - BeRex Corporation BG18A Datasheet HTML 4Page - BeRex Corporation BG18A Datasheet HTML 5Page - BeRex Corporation BG18A Datasheet HTML 6Page - BeRex Corporation BG18A Datasheet HTML 7Page - BeRex Corporation BG18A Datasheet HTML 8Page - BeRex Corporation BG18A Datasheet HTML 9Page - BeRex Corporation BG18A Datasheet HTML 10Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
5-4000 MHz Cascadable InGaP HBT Gain Block
BG18A
ACLR
Device Performance
Pin-Pout-Gain
900MHz, 5V/73mA
1900 MHz, 5V/73mA
Rev. D
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex


Similar Part No. - BG18A

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG18A BEREX-BG18A Datasheet
689Kb / 10P
   50-4000 MHz Cascadeable InGaP HBT Gain Block
BG18A BEREX-BG18A Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18A BEREX-BG18A_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
More results

Similar Description - BG18A

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG16C BEREX-BG16C_18 Datasheet
1Mb / 9P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG17A BEREX-BG17A_18 Datasheet
1Mb / 9P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18B BEREX-BG18B_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG13B BEREX-BG13B_18 Datasheet
972Kb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18B BEREX-BG18B_15 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG17C BEREX-BG17C_18 Datasheet
1Mb / 9P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18C BEREX-BG18C_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18D BEREX-BG18D_14 Datasheet
1Mb / 9P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18C BEREX-BG18C_14 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG14A BEREX-BG14A_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com