Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG18C Datasheet(PDF) 4 Page - BeRex Corporation

Part # BG18C
Description  5-4000 MHz Cascadable InGaP HBT Gain Block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BG18C Datasheet(HTML) 4 Page - BeRex Corporation

  BG18C_14 Datasheet HTML 1Page - BeRex Corporation BG18C_14 Datasheet HTML 2Page - BeRex Corporation BG18C_14 Datasheet HTML 3Page - BeRex Corporation BG18C_14 Datasheet HTML 4Page - BeRex Corporation BG18C_14 Datasheet HTML 5Page - BeRex Corporation BG18C_14 Datasheet HTML 6Page - BeRex Corporation BG18C_14 Datasheet HTML 7Page - BeRex Corporation BG18C_14 Datasheet HTML 8Page - BeRex Corporation BG18C_14 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
5-4000 MHz Cascadable InGaP HBT Gain Block
BG18C
Typical Performance (Vd = 4.0V, Ic = 35mA, T = 25°C)
Typical Performance (Vd = 4.5V, Ic = 52mA, T = 25°C)
Typical Performance (Vd = 3.5V, Ic = 21mA, T = 25°C)
Freq
MHz
70
500
900
1900
2140
2450
3500
S21
dB
23.1
22.2
21.9
20.7
20.5
19.8
16.5
S11
dB
-11
-16
-17
-19
-20
-30
-24
S22
dB
-7
-14
-16
-18
-20
-29
-11
P1
dBm
17.3
17.2
16.7
16.8
17.2
15.4
OIP3
dBm
32
32
31
30
29.5
29
NF
dB
3.8
3.8
3.6
3.7
3.7
3.9
Freq
MHz
70
500
900
1900
2140
2450
3500
S21
dB
22.6
21.8
21.4
20
19.8
19.1
16.2
S11
dB
-10
-14
-14
-17
-18
-24
-26
S22
dB
-8
-13
-13.6
-16
-18
-25
-11
P1
dBm
13.9
13.6
12.9
13.5
15.3
14
OIP3
dBm
26
25
25
25
26
26
NF
dB
3.7
3.7
3.5
3.7
3.7
3.8
Freq
MHz
70
500
900
1900
2140
2450
3500
S21
dB
20.4
20
19.6
18.7
18.8
18.4
15.7
S11
dB
-7
-9
-9.6
-11
-12
-15
-27
S22
dB
-5
-9
-9.6
-11
-13
-17
-13
P1
dBm
8.1
7.1
6.4
7.1
10.4
12.5
OIP3
dBm
19.5
18.5
17
16
17
17.5
NF
dB
3.6
3.6
3.5
3.6
3.7
3.8
Rev. D
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex


Similar Part No. - BG18C_14

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG18C BEREX-BG18C_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
More results

Similar Description - BG18C_14

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG16C BEREX-BG16C_18 Datasheet
1Mb / 9P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG17A BEREX-BG17A_18 Datasheet
1Mb / 9P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18B BEREX-BG18B_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG13B BEREX-BG13B_18 Datasheet
972Kb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18A BEREX-BG18A_14 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18B BEREX-BG18B_15 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG17C BEREX-BG17C_18 Datasheet
1Mb / 9P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18C BEREX-BG18C_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18D BEREX-BG18D_14 Datasheet
1Mb / 9P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG14A BEREX-BG14A_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com