Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9241AWPI Datasheet(PDF) 1 Page - Xicor Inc.

Part # X9241AWPI
Description  Quad Digitally Controlled Potentiometer (XDCP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241AWPI Datasheet(HTML) 1 Page - Xicor Inc.

  X9241AWPI Datasheet HTML 1Page - Xicor Inc. X9241AWPI Datasheet HTML 2Page - Xicor Inc. X9241AWPI Datasheet HTML 3Page - Xicor Inc. X9241AWPI Datasheet HTML 4Page - Xicor Inc. X9241AWPI Datasheet HTML 5Page - Xicor Inc. X9241AWPI Datasheet HTML 6Page - Xicor Inc. X9241AWPI Datasheet HTML 7Page - Xicor Inc. X9241AWPI Datasheet HTML 8Page - Xicor Inc. X9241AWPI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
REV 1.1.13 12/09/02
Characteristics subject to change without notice.
1 of 18
www.xicor.com
X9241A
Quad Digitally Controlled Potentiometer (XDCP)
FEATURES
• Four potentiometers in one package
• 2-wire serial interface
• Register oriented format
—Direct read/write/transfer of wiper positions
—Store as many as four positions per
potentiometer
• Terminal Voltages: +5V, -3.0V
• Cascade resistor arrays
• Low power CMOS
• High Reliability
—Endurance–100,000 data changes per bit per
register
—Register data retention–100 years
• 16-bytes of nonvolatile memory
• 3 resistor array values
—2K
Ω to 50KΩ mask programmable
—Cascadable for values of 500
Ω to 200KΩ
• Resolution: 64 taps each pot
• 20-lead plastic DIP, 20-lead TSSOP and 20-lead
SOIC packages
DESCRIPTION
The
X9241A
integrates
four
digitally
controlled
potentiometers
(XDCP)
on
a
monolithic
CMOS
integrated microcircuit.
The digitally controlled potentiometer is implemented
using 63 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the 2-wire
bus interface. Each potentiometer has associated with
it a volatile Wiper Counter Register (WCR) and 4
nonvolatile Data Registers (DR0:DR3) that can be
directly written to and read by the user. The contents
of the WCR controls the position of the wiper on the
resistor array through the switches. Power up recalls
the contents of DR0 to the WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two-terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
Low Power/2-Wire Serial Bus
BLOCK DIAGRAM
Data
8
R1
R0
R3
R2
VH0/RH0
VL0/RL0
VW0/RW0
Wiper
Counter
Register
(WCR)
VH1/RH1
VL1/RL1
VW1/RW1
Register
Array
Pot 1
Wiper
Counter
Register
(WCR)
R1
R0
R3
R2
SCL
SDA
A0
A1
A2
A3
Interface
and
Control
Circuitry
VH2/
VL2/RL2
VW2/RW2
VH3/RH3
VL3/RL3
VW3/RW3
Register
Array
Pot 2
Wiper
Counter
Register
(WCR)
R1
R0
R3
R2
Register
Array
Pot 3
Wiper
Counter
Register
(WCR)
R1
R0
R3
R2
VCC
VSS
RH2
APPLICATION NOTE
A V A I L A B L E
AN20 • AN42–48 • AN50-53 • AN73 • AN99 • AN115 • AN120 • AN124 • AN133 • AN134 • AN135


Similar Part No. - X9241AWPI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241AWPI INTERSIL-X9241AWPI Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AWPI INTERSIL-X9241AWPI Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241AWPIZ INTERSIL-X9241AWPIZ Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AWPIZ INTERSIL-X9241AWPIZ Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241AWPIZ INTERSIL-X9241AWPIZ Datasheet
362Kb / 17P
   Non-Volatile/Low Power/2-Wire/64 Taps
August 17, 2015
More results

Similar Description - X9241AWPI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com