Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1016435 Datasheet(PDF) 5 Page - SICK AG

Part # 1016435
Description  MULTIPLE LIGHT BEAM SAFETY DEVICES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1016435 Datasheet(HTML) 5 Page - SICK AG

  1016435 Datasheet HTML 1Page - SICK AG 1016435 Datasheet HTML 2Page - SICK AG 1016435 Datasheet HTML 3Page - SICK AG 1016435 Datasheet HTML 4Page - SICK AG 1016435 Datasheet HTML 5Page - SICK AG 1016435 Datasheet HTML 6Page - SICK AG 1016435 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
M20S-071A3A120, M20E-071A3A120 | M2000 Standard
MULTIPLE LIGHT BEAM SAFETY DEVICES
Connection diagram
k2
k1
x
x
y
y
z
z
k2
k1
1)
S34
S21
S35
S22
S33
S12
S11
S31
14
A2
24
32
13
A1
23
31
UE48-2OS2D2
+24 V DC
0 V
3) PELV
2)
K1
k2
k1
S1
K2
E119932/01/2017-06-12
+24 V
Test
HRANGE
GND
Sel1
Sel2
Shield
+24 V
GND
OSSD1
OSSD2
Sel1
Sel2
Shield
M2000
r
s
1
2
3
4
6
5
1
2
3
4
6
5
Task
Connection of an M2000 Standard multi-beam photoelectric safety switch to UE48-2OS.
Operating mode: with restart interlock and external device monitoring.
Function
When the light path is clear, the OSSD1 and OSSD2 outputs are live. The system is ready to switch on if K1 and K2 are de-ener-
gized. By pressing S1 (button is pressed and released), the UE48-2OS is energized and its 13 - 14 and 23 - 24 contacts activate K1
and K2. On interruption of one of the light beams, the UE48-2OS is de-energized by the OSSD1 and OSSD2 outputs and K1 and K2
are deactivated.
Fault analysis
OSSD cross-circuits and short-circuits are detected and lead to the inhibited state (lock-out). The incorrect functioning of one of the
K1 or K2 contactors will be detected and does not result in the loss of the shutdown function. Jamming of the S1 button will pre-
vent the UE48-2OS from enabling.
Comments
1) Output circuits: These contacts are to be connected to the controller such that, with the output circuit open, the dangerous state
is disabled. For categories 4 and 3, the integration must be dual-channel (x/y paths). Single-channel integration in the control (z
path) is only possible with a single-channel control and by taking the risk analysis into account.
2) The external device monitoring is only static.
3) PELV as required in EN 60204-1 / 6.4
The related operating instructions for the integrated devices must be observed.
2017-06-14 08:06:28 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
5


Similar Part No. - 1016435

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
10164359 AMPHENOLCS-10164359 Datasheet
223Kb / 3P
   USB TYPE C RECEPTACLE R/A SMT TYPE 6PIN
2022-03-10
10164359-00011LF AMPHENOLCS-10164359-00011LF Datasheet
223Kb / 3P
   USB TYPE C RECEPTACLE R/A SMT TYPE 6PIN
2022-03-10
10164359-00021LF AMPHENOLCS-10164359-00021LF Datasheet
223Kb / 3P
   USB TYPE C RECEPTACLE R/A SMT TYPE 6PIN
2022-03-10
10164359-00031LF AMPHENOLCS-10164359-00031LF Datasheet
223Kb / 3P
   USB TYPE C RECEPTACLE R/A SMT TYPE 6PIN
2022-03-10
More results

Similar Description - 1016435

ManufacturerPart #DatasheetDescription
logo
SICK AG
M20E-02150A122 SICK-M20E-02150A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-02250A120 SICK-M20E-02250A120 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-03140A222 SICK-M20E-03140A222 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-025013RB0 SICK-M40E-025013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026013RB0 SICK-M40E-026013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026033RB0 SICK-M40E-026033RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-032223RB0 SICK-M40E-032223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-04230A122 SICK-M20E-04230A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072220RT0 SICK-M40E-072220RT0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072223RB0 SICK-M40E-072223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-091A3A122 SICK-M20E-091A3A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com