Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X46402V8-3.1A Datasheet(PDF) 4 Page - Xicor Inc.

Part # X46402V8-3.1A
Description  Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X46402V8-3.1A Datasheet(HTML) 4 Page - Xicor Inc.

  X46402V8-3.1A Datasheet HTML 1Page - Xicor Inc. X46402V8-3.1A Datasheet HTML 2Page - Xicor Inc. X46402V8-3.1A Datasheet HTML 3Page - Xicor Inc. X46402V8-3.1A Datasheet HTML 4Page - Xicor Inc. X46402V8-3.1A Datasheet HTML 5Page - Xicor Inc. X46402V8-3.1A Datasheet HTML 6Page - Xicor Inc. X46402V8-3.1A Datasheet HTML 7Page - Xicor Inc. X46402V8-3.1A Datasheet HTML 8Page - Xicor Inc. X46402V8-3.1A Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
X46402
Preliminary Information
4
Password Protection Configuration
Portions of the memory array may be “locked”. This area
of memory is password protected and is defined by the
bits BL2, BL1 and BL0. For these protected areas it is
necessary to use a Read password to output data and an
“Array Write” Password to write data. This block lock
area is re-writable, by issuing the correct password.
SERIAL MEMORY OPERATION
There are four primary modes of operation for the
X46402; Protected READ and WRITE of the memory
and OTP arrays and unprotected Read and Write of non-
password protected areas of the memory array. Pro-
tected operations must be performed with one of four 8-
byte passwords.
The basic method of communication for the password
protected areas of the device is established by generat-
ing a start condition, then transmitting a command, fol-
lowed by the correct password. All parts will be shipped
from the factory with all passwords equal to ‘0’. The user
must perform ACK Polling to determine the validity of the
password, before starting a data transfer (see Acknowl-
edge Polling.) Only after the correct password is
accepted and a ACK polling has been performed, can
the data transfer occur.
Non-password protected areas of the memory array are
accessed in the same manner as access to password
protected areas, except the password and the password
acknowledge polling sequences are not required.
Data is transferred in 8-bit segments, with each transfer
being followed by an ACK, generated by the receiving
device.
If the X46402 is in a nonvolatile write cycle a “no ACK”
(SDA=HIGH) response will be issued in response to
loading of the command byte. If a stop is issued prior to
the start of a nonvolatile write cycle the write operation
will be terminated and the part will reset and enter into a
standby mode.
The basic sequence is illustrated in Figure 1.
After each transaction is completed, the X46402 will
reset and enter into a standby mode. This will also be the
response if an unsuccessful attempt is made to access a
protected array.
Password Protection
The X46402 requires a 64 bit write password to change
the contents of the control register or to write to a block
protected memory area. The X46402 also requires a 64
bit read password to output the contents of the block pro-
tected array or the control register. The block protection is
controlled by the [BL2:BL0] bits and allows the options
described in Table 2. If an area is block protected, it
needs a password prior to each read or write to the area.
The passwords cannot be read, even after the device
receives the correct password.
Figure 1. X46402 Device Operation (Password
Protected Areas)
Table 2. Password Protected Block Size Select
BL2
BL1
BL0
Password Protected
Addresses
(Use Password
Command)
Non-Password
Protected Addresses
(Use Password or
No-Password Commands)
000
None
0000h - 1FFFh
001
0000h - 003Fh
0040h - 1FFFh
010
0000h - 007Fh
0080h - 1FFFh
011
0000h - 00FFh
0100h - 1FFFh
100
0000h - 01FFh
0200h - 1FFFh
101
0000h - 07FFh
0800h - 1FFFh
110
0000h - 0FFFh
1000h - 1FFFh
111
0000h - 1FFFh
None
LOAD COMMAND BYTE
LOAD 2 BYTE ADDRESS
LOAD 8-BYTE
PASSWORD
VERIFY PASSWORD
ACCEPTANCE BY
USE OF PASSWORD ACK POLLING
READ/WRITE
DATA BYTES
Twc OR DATA ACK POLLING


Similar Part No. - X46402V8-3.1A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Intersil Corporation
X4643 INTERSIL-X4643 Datasheet
332Kb / 21P
   CPU Supervidor with 64K EEPROM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Intersil Corporation
X4643S8 INTERSIL-X4643S8 Datasheet
332Kb / 21P
   CPU Supervidor with 64K EEPROM
logo
Renesas Technology Corp
X4643S8 RENESAS-X4643S8 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
More results

Similar Description - X46402V8-3.1A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
X40626 XICOR-X40626 Datasheet
516Kb / 23P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Intersil Corporation
X40626 INTERSIL-X40626 Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com