Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X46402V8-2.9 Datasheet(PDF) 6 Page - Xicor Inc.

Part # X46402V8-2.9
Description  Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X46402V8-2.9 Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X46402V8-2.9 Datasheet HTML 2Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 3Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 4Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 5Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 6Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 7Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 8Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 9Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
X46402
Preliminary Information
6
Figure 5. Reset V2TRIP Level Sequence (Vcc > 3V, WEL is set.)
SDA
D8h
00h
012 3 45 67
SCL
012 3 45 67
RESET
VP = 15V
012 3 45 67
V2TRIP
V2MON
0Fh
0Fh resets V2MON
VCC AND V2MON THRESHOLD RESET PROCEDURE
The X46402 is shipped with standard VTRIP, and V2TRIP
voltages. These values will not change over normal oper-
ating and storage conditions. However, in applications
where the standard thresholds are not exactly right, or if
higher precision is needed in the threshold value, the
X46402 trip points may be adjusted. The procedure is
described below, and uses the application of a high volt-
age control signal.
Setting the VTRIP Voltage
This procedure is used to set the VTRIP,V2TRIP to a higher
voltage value. For example, if the current VTRIP is 4.4V
and the new VTRIP is 4.6V, this procedure will directly
make the change. If the new setting is to be lower than
the current setting, then it is necessary to reset the trip
point before setting the new value.
To set the new voltages, apply the desired VTRIP thresh-
old voltage to the Vcc pin, the V2TRIP voltage to the
V2MON pin, then tie the RESET pin to the programming
voltage VP. Then, write data 01h or 0Dh address 00h to
program VTRIP, V2TRIP respectively. The stop bit following
a valid write operation initiates the programming
sequence. Bring RESET LOW to complete the operation.
Note: this operation also writes 01h, or 0Dh to address
00h.
Resetting the VTRIP Voltage
This procedure is used to set the VTRIP, the V2TRIP to a
“native” voltage level. For example, if the current VTRIP is
4.4V and the new VTRIP must be 4.0V, then the VTRIP
must be reset. When the threshold is reset, the new level
is something less than 1.7V. This procedure must be
used to set the voltage to a lower value.
To reset the new VTRIP, V2TRIP voltage, apply the desired
VTRIP or V2TRIP threshold voltage to the Vcc or V2MON
pin, respectively, and tie the RESET pin to the program-
ming voltage VP. Then write 03h or 0Fh to address 00h.
The stop bit of a valid write operation initiates the pro-
gramming sequence. Bring RESET LOW to complete the
operation. Note: this operation also writes 03h or 0Fh to
address 00h of the EEPROM array.
Figure 6. Sample VTRIP Reset Circuit
5
4
7
1
8
2
6
3
X46402
VTRIP
Adj.
VP
RESET
4.7K
SDA
SCL
µC
Adjust
Run
V2FAIL
V2TRIP
Adj.


Similar Part No. - X46402V8-2.9

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Intersil Corporation
X4643 INTERSIL-X4643 Datasheet
332Kb / 21P
   CPU Supervidor with 64K EEPROM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Intersil Corporation
X4643S8 INTERSIL-X4643S8 Datasheet
332Kb / 21P
   CPU Supervidor with 64K EEPROM
logo
Renesas Technology Corp
X4643S8 RENESAS-X4643S8 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
More results

Similar Description - X46402V8-2.9

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
X40626 XICOR-X40626 Datasheet
516Kb / 23P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Intersil Corporation
X40626 INTERSIL-X40626 Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com