Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9279TBI-2.7 Datasheet(PDF) 9 Page - Xicor Inc.

Part # X9279TBI-2.7
Description  Single Digitally-Controlled (XDCP) Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9279TBI-2.7 Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X9279TBI-2.7 Datasheet HTML 5Page - Xicor Inc. X9279TBI-2.7 Datasheet HTML 6Page - Xicor Inc. X9279TBI-2.7 Datasheet HTML 7Page - Xicor Inc. X9279TBI-2.7 Datasheet HTML 8Page - Xicor Inc. X9279TBI-2.7 Datasheet HTML 9Page - Xicor Inc. X9279TBI-2.7 Datasheet HTML 10Page - Xicor Inc. X9279TBI-2.7 Datasheet HTML 11Page - Xicor Inc. X9279TBI-2.7 Datasheet HTML 12Page - Xicor Inc. X9279TBI-2.7 Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
X9279
Characteristics subject to change without notice.
9 of 24
REV 1.1.7 2/6/03
www.xicor.com
Table 3. Instruction Set
Note:
1/0 = data is one or zero
Instruction
Instruction Set
Operation
I3
I2
I1
I0
RB RA
P1
P0
Read Wiper Counter
Register
1001
0
0
0
0
Read the contents of the Wiper Counter
Register
Write Wiper Counter
Register
1010
0
0
0
0
Write new value to the Wiper Counter
Register
Read Data Register
1011
1/0
1/0
1/0
1/0
Read the contents of the Data Register pointed
to by P1-P0 and RB-RA
Write Data Register
1100
1/0
1/0
1/0
1/0
Write new value to the Data Register
pointed to by P1-P0 and RB-RA
XFR Data Register to
Wiper Counter Register
1101
1/0
1/0
0
0
Transfer the contents of the Data Register
pointed to by RB-RA (Bank 0 only) to the Wiper
Counter Register
XFR Wiper Counter
Register to Data Register
1110
1/0
1/0
0
0
Transfer the contents of the Wiper Counter
Register to the Register pointed to by RB-RA
(Bank 0 only)
Increment/Decrement
Wiper Counter Register
0010
0
0
0
0
Enable Increment/decrement of the Wiper
Counter Register
DEVICE DESCRIPTION
Wiper Counter Register (WCR)
The X9279 contains contains a Wiper Counter
Register, for the DCP potentiometer. The Wiper
Counter Register can be envisioned as a 8-bit parallel
and serial load counter with its outputs decoded to
select one of 256 switches along its resistor array. The
contents of the WCR can be altered in four ways: it
may be written directly by the host via the Write Wiper
Counter Register instruction (serial load); it may be
written indirectly by transferring the contents of one of
four associated data registers via the XFR Data
Register instruction (parallel load); it can be modified
one step at a time by the Increment/Decrement
instruction (see Instruction section for more details).
Finally, it is loaded with the contents of its Data
Register zero (DR0) upon power-up.
The Wiper Counter Register is a volatile register; that
is, its contents are lost when the X9279 is powered-
down. Although the register is automatically loaded
with the value in DR0 upon power-up, this may be
different from the value present at power-down. Power-
up guidelines are recommended to ensure proper
loadings of the DR0 value into the WCR. The DR0
value of Bank 0 is the default value.
Data Registers (DR)
The potentiometer has four 8-bit nonvolatile Data
Registers (DR3-DR0). These can be read or written
directly by the host. Data can also be transferred
between any of the four Data Registers and the
associated Wiper Counter Register. All operations
changing data in one of the Data Registers is a
nonvolatile operation and will take a maximum of
10ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can
be used as regular memory locations for system
parameters or user preference data.
Bit [7:0] are used to store one of the 256 wiper
positions (0~255).


Similar Part No. - X9279TBI-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9279TV14 INTERSIL-X9279TV14 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9279TV14 RENESAS-X9279TV14 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9279TV14-2.7 INTERSIL-X9279TV14-2.7 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9279TV14-2.7 RENESAS-X9279TV14-2.7 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9279TV14I INTERSIL-X9279TV14I Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
More results

Similar Description - X9279TBI-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com