Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9279UBI-2.7 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X9279UBI-2.7
Description  Single Digitally-Controlled (XDCP) Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9279UBI-2.7 Datasheet(HTML) 5 Page - Xicor Inc.

  X9279UBI-2.7 Datasheet HTML 1Page - Xicor Inc. X9279UBI-2.7 Datasheet HTML 2Page - Xicor Inc. X9279UBI-2.7 Datasheet HTML 3Page - Xicor Inc. X9279UBI-2.7 Datasheet HTML 4Page - Xicor Inc. X9279UBI-2.7 Datasheet HTML 5Page - Xicor Inc. X9279UBI-2.7 Datasheet HTML 6Page - Xicor Inc. X9279UBI-2.7 Datasheet HTML 7Page - Xicor Inc. X9279UBI-2.7 Datasheet HTML 8Page - Xicor Inc. X9279UBI-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
X9279
Characteristics subject to change without notice.
5 of 24
REV 1.1.7 2/6/03
www.xicor.com
PRINCIPLES OF OPERATION
The X9279 is a integrated microcircuit incorporating a
resistor array and associated registers and counter
and
the
serial
interface
logic
providing
direct
communication between the host and the digitally
controlled potentiometers. This section provides detail
description of the following:
– Resistor Array Description.
– Serial Interface Description.
– Instruction and Register Description.
Array Description
The X9279 is comprised of a resistor array (see Figure
1). The array contains, in effect, 255 discrete resistive
segments that are connected in series. The physical
ends of each array are equivalent to the fixed terminals
of a mechanical potentiometer (RH and RL inputs).
At both ends of each array and between each resistor
segment is a CMOS switch connected to the wiper
(RW) output. Within each individual array only one
switch may be turned on at a time.
These switches are controlled by a Wiper Counter
Register (WCR). The 8-bits of the WCR (WCR[7:0])
are decoded to select, and enable, one of 256 switches
(see Table 1).
The WCR may be written directly. These Data
Registers can the WCR can be read and written by the
host system.
Power Up and Down Recommendations.
There are no restrictions on the power-up or power-
down conditions of VCC and the voltages applied to the
potentiometer pins provided that VCC is always more
positive than or equal to VH, VL, and VW, i.e., VCC ≥ VH,
VL, VW. The VCC ramp rate specification is always in
effect.
Figure 1. Detailed Potentiometer Block Diagram
SERIAL DATA PATH
FROM INTERFACE
CIRCUITRY
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
COUNTER
REGISTER
INC/DEC
LOGIC
UP/DN
CLK
MODIFIED SCK
UP/DN
RH
RL
RW
8
8
C
O
U
N
T
E
R
D
E
C
O
D
E
IF WCR = 00[H] THEN RW = RL
IF WCR = FF[H] THEN RW = RH
WIPER
(WCR)
BANK_0 Only
(DR0)
(DR1)
(DR2)
(DR3)


Similar Part No. - X9279UBI-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9279UV14 INTERSIL-X9279UV14 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9279UV14 RENESAS-X9279UV14 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9279UV14-2.7 INTERSIL-X9279UV14-2.7 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9279UV14-2.7 RENESAS-X9279UV14-2.7 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9279UV14I INTERSIL-X9279UV14I Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
More results

Similar Description - X9279UBI-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com