Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S85V1A Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S85V1A
Description  5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 uA QUIESCENT CURRENT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S85V1A Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S85V1A Datasheet HTML 1Page - Seiko Instruments Inc S85V1A Datasheet HTML 2Page - Seiko Instruments Inc S85V1A Datasheet HTML 3Page - Seiko Instruments Inc S85V1A Datasheet HTML 4Page - Seiko Instruments Inc S85V1A Datasheet HTML 5Page - Seiko Instruments Inc S85V1A Datasheet HTML 6Page - Seiko Instruments Inc S85V1A Datasheet HTML 7Page - Seiko Instruments Inc S85V1A Datasheet HTML 8Page - Seiko Instruments Inc S85V1A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
S-85V1A Series
www.sii-ic.com
5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN
SWITCHING REGULATOR WITH 10
μA QUIESCENT CURRENT
© SII Semiconductor Corporation, 2017
Rev.1.0_00
1
The S-85V1A Series is a step-down switching regulator which features high efficiency and fast transient response.
Since PWM / PFM switching control automatically switches to PFM control when under light load, high efficiency is
realized. This IC is suitable for mobile devices and battery powered devices due to introduction of own distinctive COT
(Constant On-Time) control.
Also, high-density mounting is realized by adopting super-small, thin SNT-6A package. Therefore, the occupancy area
including a coil, an input capacitor and an output capacitor can be reduced to 2.0 mm
× 4.5 mm = 9.0 mm
2, and it
contributes to miniaturization of electronic equipment.
Features
Applications
• Current consumption:
10
μA quiescent current
• Bluetooth device
• Efficiency:
93%
• Wireless sensor network device
• Fast transient response:
COT control
• Healthcare equipment
• Input voltage:
2.2 V to 5.5 V
• Smart meter
• Output voltage:
0.7 V to 2.5 V, in 0.05 V step
• Portable game device
2.6 V to 3.9 V, in 0.1 V step
• Remote control
• Output voltage accuracy:
±1.5% (1.0 V
VOUT 3.9 V)
Package
• SNT-6A
(1.80 mm
× 1.57 mm × t0.5 mm max.)
±15 mV (0.7 V
VOUT < 1.0 V)
• Switching frequency:
1.0 MHz (at PWM operation)
• High side power MOS FET on-resistance:
450 m
Ω
• Low side power MOS FET on-resistance:
350 m
Ω
• Soft-start function:
1 ms typ.
• Under voltage lockout function (UVLO):
1.8 V typ. (detection voltage)
• Thermal shutdown function:
135°C typ. (detection temperature)
• Overcurrent limit function:
450 mA (at L = 2.2
μH)
• Automatic recovery type short-circuit protection function:Hiccup control
• Input and output capacitors:
Ceramic capacitor compatible
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
Typical Application Circuit
VSS
VIN
CIN
10
F
PVSS
VOUT
EN
SW
COUT
10
F
L
2.2
H
VOUT
VIN
Efficiency
VOUT(S) = 1.8 V
IOUT [mA]
110
0.1
1000
100
0
100
80
60
40
20
VIN = 2.5 V
VIN = 3.6 V
VIN = 4.2 V


Similar Part No. - S85V1A

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
S85V GENESIC-S85V Datasheet
588Kb / 3P
   Silicon Standard Recovery Diode
S85V GENESIC-S85V Datasheet
607Kb / 3P
   Silicon Standard Recovery Diode
S85V GENESIC-S85V Datasheet
790Kb / 3P
   Silicon Standard Recovery Diode
S85VR GENESIC-S85VR Datasheet
588Kb / 3P
   Silicon Standard Recovery Diode
S85VR GENESIC-S85VR Datasheet
607Kb / 3P
   Silicon Standard Recovery Diode
More results

Similar Description - S85V1A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-85V1A ABLIC-S-85V1A Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 ?쵡 QUIESCENT CURRENT
Rev.1.2_00
logo
Seiko Instruments Inc
S85S1A SII-S85S1A Datasheet
2Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85S1A ABLIC-S-85S1A Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.4_00
logo
Seiko Instruments Inc
S-85S0A SII-S-85S0A Datasheet
2Mb / 30P
   5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85S0A ABLIC-S-85S0A Datasheet
1Mb / 30P
   5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
logo
Seiko Instruments Inc
S85S1P SII-S85S1P Datasheet
3Mb / 38P
   POWER MONITORING OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85S1P ABLIC-S-85S1P Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.5_01
S-85M1A ABLIC-S-85M1A Datasheet
674Kb / 28P
   5.6 V INPUT, 200 mA, LOW EMI, SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.0_00
logo
STMicroelectronics
L7983 STMICROELECTRONICS-L7983 Datasheet
1Mb / 43P
   60 V, 300 mA synchronous step-down switching regulator with 10 關A quiescent current
Rev 1 - October 2020
logo
ABLIC Inc.
S-85S0P ABLIC-S-85S0P Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com