Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N136-X017T Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 6N136-X017T
Description  High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N136-X017T Datasheet(HTML) 4 Page - Vishay Siliconix

  6N136-X017T Datasheet HTML 1Page - Vishay Siliconix 6N136-X017T Datasheet HTML 2Page - Vishay Siliconix 6N136-X017T Datasheet HTML 3Page - Vishay Siliconix 6N136-X017T Datasheet HTML 4Page - Vishay Siliconix 6N136-X017T Datasheet HTML 5Page - Vishay Siliconix 6N136-X017T Datasheet HTML 6Page - Vishay Siliconix 6N136-X017T Datasheet HTML 7Page - Vishay Siliconix 6N136-X017T Datasheet HTML 8Page - Vishay Siliconix 6N136-X017T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
6N135, 6N136
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 02-Nov-15
4
Document Number: 83604
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - LED Forward Current vs. Forward Voltage
Fig. 2 - Permissible Forward LED Current vs. Temperature
Fig. 3 - Permissible Power Dissipation vs. Temperature
Fig. 4 - Output Current vs. Output Voltage
Fig. 5 - Output Current vs. Temperature
Fig. 6 - Propagation Delay vs. Ambient Temperature
T
amb = 100 °C
V
F - Forward Voltage (V)
1
10
100
1.0
1.7
1.1
1.2
1.3
1.4
1.5
1.6
1.8
T
amb = 75 °C
T
amb = 25 °C
T
amb = 0 °C
T
amb = -40 °C
i6n135_04
100
80
60
40
20
0
30
20
10
0
T
amb - Ambient Temperature (°C)
i6n135_05
100
80
60
40
20
0
0
20
40
60
80
100
120
T
amb - Ambient Temperature (°C)
Detector
Emitter
V
O - Output Voltage (V)
0
25
0
5
10
15
20
25
20
15
10
5
I
F = 35 mA
I
F = 30 mA
I
F = 25 mA
I
F = 20 mA
I
F = 15 mA
I
F = 10 mA
I
F = 5 mA
I
F = 1 mA
0
1
2
3
4
5
6
20987
- 60 - 40 - 20
0
20
40
60
80 100
Tamb - Temperature (°C)
120
at V
O = 0.4 V, VCC = 5 V
I
F = 20 mA
I
F = 16 mA
I
F = 10 mA
I
F = 1 mA
I
F = 2 mA
I
F = 5 mA
i6n135_08
900
800
700
600
500
400
300
200
100
0
- 60 - 40 - 20
0
20
40
60
80 100
T
amb - Temperature (°C)
t
PLH at 3 V
6N136 at V
CC = 5 V
I
F = 16 mA, RL = 1.9 kΩ
t
PLH at 1.5 V
t
PHL at 1.5 V
t
PHL at 3 V


Similar Part No. - 6N136-X017T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N136-X017T VISHAY-6N136-X017T Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
More results

Similar Description - 6N136-X017T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N1135 VISHAY-6N1135_08 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N1135 VISHAY-6N1135 Datasheet
228Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Rev. 1.5, 26-Oct-04
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com