Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3012PG Datasheet(PDF) 1 Page - Vishay Siliconix

Part # K3012PG
Description  Optocoupler, Phototriac Output, Non-Zero Crossing
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K3012PG Datasheet(HTML) 1 Page - Vishay Siliconix

  K3012PG Datasheet HTML 1Page - Vishay Siliconix K3012PG Datasheet HTML 2Page - Vishay Siliconix K3012PG Datasheet HTML 3Page - Vishay Siliconix K3012PG Datasheet HTML 4Page - Vishay Siliconix K3012PG Datasheet HTML 5Page - Vishay Siliconix K3012PG Datasheet HTML 6Page - Vishay Siliconix K3012PG Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
K3010P, K3010PG Series
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 01-Jun-12
1
Document Number: 83504
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
DESCRIPTION
The K3010P, K3010PG series consists of a photo-transistor
optically coupled to a gallium arsenide infrared-emitting
diode in a 6-pin plastic dual inline package
AGENCY APPROVALS
• UL1577, file no. E52744 system code H, double protection
• BSI: BS EN60065:2002 and IEC 60065:2001, certificate
number 7955. An BS EN60950-1:2006 certificate number
7956
• DIN EN 60747-5-5
• CQC: GB8898-2001
FEATURES
• Isolation materials according to UL 94 V-0
• Special construction: therefore, extra low
coupling capacity of typical 0.2 pF, high
common mode rejection
•IFT of 5 mA, 10 mA, and 15 mA
• Rated impulse voltage (transient overvoltage)
VIOTM = 8 kVpeak
• Isolation test voltage, 5300 VRMS, t = 1 s
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Circuits for safe protective separation against electrical
shock according to safety class II (reinforced isolation):
• for appl. class I to IV at mains voltage
≤ 300 V
• for appl. class I to IV at mains voltage
≤ 600 V
according to DIN EN60747-5-5 (VDE0884), suitable for:
- Monitors
- Air conditioners
- Line switches
- Solid state relay
- Microwave
Note
• G = leadform 10.16 mm; G is not marked on the body.
1
2
3
6
5
4
MT2
MT1
NC
A
C
NC
i179041-2
DIP
SMD
ORDERING INFORMATION
K
3
0
1
0P#X0
#
#
T
PART NUMBER
TRIGGER
CURRENT
BIN
PACKAGE OPTION
TAPE AND
REEL
AGENCY CERTIFIED/PACKAGE
TRIGGER CURRENT, IFT
VDE, cUL, BSI
5 mA
10 mA
15 mA
DIP-6
K3012P
K3011P
K3010P
DIP-6, 400 mil
K3012PG
K3011PG
K3010PG
SMD-6, option 7
K3012P-X007T
-
K3010P-X007T
10.16 mm
7.62 mm
DIP-6
G leadform
> 0.7 mm
Option 7


Similar Part No. - K3012PG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K3012PG VISHAY-K3012PG Datasheet
145Kb / 9P
   Optocoupler with Phototriac Output
Rev. A4, 13-Sep-99
More results

Similar Description - K3012PG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
01-Jan-2022
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
VOT8123AB VISHAY-VOT8123AB Datasheet
184Kb / 11P
   Optocoupler, Phototriac Output, Non-Zero Crossing, High dV/dt, Low Input Current
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com