Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3021PG Datasheet(PDF) 1 Page - Vishay Siliconix

Part # K3021PG
Description  Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K3021PG Datasheet(HTML) 1 Page - Vishay Siliconix

  K3021PG Datasheet HTML 1Page - Vishay Siliconix K3021PG Datasheet HTML 2Page - Vishay Siliconix K3021PG Datasheet HTML 3Page - Vishay Siliconix K3021PG Datasheet HTML 4Page - Vishay Siliconix K3021PG Datasheet HTML 5Page - Vishay Siliconix K3021PG Datasheet HTML 6Page - Vishay Siliconix K3021PG Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
K3020P, K3020PG Series
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 30-Aug-16
1
Document Number: 83505
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
DESCRIPTION
The K3020P, K3020PG series consists of a phototriac
optically coupled to a gallium arsenide infrared-emitting
diode in a 6-lead plastic dual inline package.
The non-zero crossing functionality enables full wave
control. Featuring galvanic and electrical noise isolation, the
output is able to directly switch AC loads or drive medium to
high power TRIACs.
FEATURES
• 400 V blocking voltage
• Wide range of trigger current
• 100 mARMS on-state current
• Wide temperature range -55 °C to +100 °C
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Power TRIAC driver
• Isolated AC load switch
• Air condition
•Heaters
• White goods
• Industrial controls
• Office equipment
AGENCY APPROVALS
•UL
•cUL
• DIN EN 60747-5-5 (VDE 0884-5)
•BSI
•CQC
•FIMKO
Note
• Additional options may be possible, please contact sales office.
MT2
MT1
NC
A
C
NC
1
2
3
6
5
4
ORDERING INFORMATION
K3
0
2
X
P
G
PART NUMBER
TRIGGER
CURRENT BIN
PACKAGE
OPTION
AGENCY CERTIFIED/PACKAGE
TRIGGER CURRENT, IFT
VDE, cUL, BSI
5 mA
10 mA
15 mA
30 mA
DIP-6
K3023P
K3022P
K3021P
K3020P
DIP-6, 400 mil
K3023PG
K3022PG
K3021PG
K3020PG
10.16 mm
7.62 mm
DIP-6
G leadform


Similar Part No. - K3021PG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K3021PG VISHAY-K3021PG Datasheet
146Kb / 9P
   Optocoupler with Phototriac Output
Rev. A5, 13-Sep-99
K3021PG VISHAY-K3021PG Datasheet
196Kb / 10P
   Optocoupler, Phototriac Output, 400 V VDRM
Rev. 1.9, 26-Oct-04
More results

Similar Description - K3021PG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
K3010P VISHAY-K3010P_12 Datasheet
147Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing
Rev. 2.2, 01-Jun-12
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.2, 09-Sep-13
VO3021 VISHAY-VO3021_V01 Datasheet
203Kb / 11P
   Optocoupler, Phototriac Output, 400 VDRM
01-Jan-2022
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com