Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS215AG Datasheet(PDF) 1 Page - Rohm

Part # SCS215AG
Description  SiC Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS215AG Datasheet(HTML) 1 Page - Rohm

  SCS215AG_17 Datasheet HTML 1Page - Rohm SCS215AG_17 Datasheet HTML 2Page - Rohm SCS215AG_17 Datasheet HTML 3Page - Rohm SCS215AG_17 Datasheet HTML 4Page - Rohm SCS215AG_17 Datasheet HTML 5Page - Rohm SCS215AG_17 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Datasheet
SCS215AG
SiC Schottky Barrier Diode
*1 Tc=135°C *2 PW=8.3ms sinusoidal, Tj=25°C *3 PW=10
s square, Tj=25°C
*4 PW=8.3ms sinusoidal, Tj=150°C *5 Tc=100°C, Tj=150°C, Duty cycle=10% *6 Tc=25°C
200*
3
43*
4
°C
°C
Tj
Tstg
175
55 to 175
A
Range of storage temperature
Absolute maximum ratings (Tj = 25°C)
Surge no repetitive forward current
Reverse voltage (repetitive peak)
Reverse voltage (DC)
Continuous forward current
Unit
Value
Repetitive peak forward current
Total power disspation
Junction temperature
VR
IF
IFSM
IFRM
PD
650
650
15*
1
61*
5
110*
6
55*
2
A
A
VRM
Tube
-
Type
Packaging
Reel size (mm)
C
SCS215AG
Basic ordering unit (pcs)
Tape width (mm)
-
50
Marking
Packing code
Features
23nC
1) Shorter recovery time
A
W
Symbol
Construction
Silicon carbide epitaxial planer type
Parameter
V
V
A
3) High-speed switching possible
Outline
Inner circuit
Packaging specifications
TO-220AC
2) Reduced temperature dependence
650V
15A
VR
IF
QC
(3)
(2)
(1)
(1) Cathode
(2) Cathode
(3) Anode
(1)
(2)
(3)
1/4
2017.06 - Rev.C


Similar Part No. - SCS215AG_17

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
918Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR_17 Datasheet
918Kb / 6P
   SiC Schottky Barrier Diode
More results

Similar Description - SCS215AG_17

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
   SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
   SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
   SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG_17 Datasheet
901Kb / 6P
   SiC Schottky Barrier Diode
SCS210AJHR ROHM-SCS210AJHR Datasheet
1Mb / 6P
   SiC Schottky Barrier Diode
SCS304AP ROHM-SCS304AP Datasheet
989Kb / 7P
   SiC Schottky Barrier Diode
SCS308AP ROHM-SCS308AP Datasheet
1,022Kb / 7P
   SiC Schottky Barrier Diode
SCS210KE2 ROHM-SCS210KE2 Datasheet
913Kb / 6P
   SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com