Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX5T951GTA Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZX5T951GTA
Description  60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZX5T951GTA Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZX5T951GTA Datasheet HTML 1Page - Zetex Semiconductors ZX5T951GTA Datasheet HTML 2Page - Zetex Semiconductors ZX5T951GTA Datasheet HTML 3Page - Zetex Semiconductors ZX5T951GTA Datasheet HTML 4Page - Zetex Semiconductors ZX5T951GTA Datasheet HTML 5Page - Zetex Semiconductors ZX5T951GTA Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZX5T951G
SEMICO NDUC TORS
ISSUE 2 - SEPTEMBER 2003
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
Collector-base breakdown voltage
BVCBO
-100
-120
V
IC=-100 A
Collector-emitter breakdown voltage
BVCER
-100
-120
V
IC=-1 A, RB 1k
Collector-emitter breakdown voltage
BVCEO
-60
-80
V
IC=-10mA*
Emitter-base breakdown voltage
BVEBO
-7
-8.1
V
IE=-100 A
Collector cut-off current
ICBO
1
-20
-0.5
nA
A
VCB=-80V
V
CB=-80V,Tamb=100 C
Collector cut-off current
ICER
R
1k
1
-20
-0.5
nA
A
VCB=-80V
V
CB=-80V,Tamb=100 C
Emitter cut-off current
IEBO
1
-10
nA
VEB=-6V
Collector-emitter saturation voltage
VCE(SAT)
-15
-55
-90
-195
-25
-70
-120
-250
mV
mV
mV
mV
IC=-0.1A, IB=-10mA*
I
C=-1A, IB=-100mA*
I
C=-2A, IB=-200mA*
I
C=-5A, IB=-500mA*
Base-emitter saturation voltage
VBE(SAT)
-1030
-1150
mV
IC=-5A, IB=-500mA*
Base-emitter turn-on voltage
VBE(ON)
-920
-1020
mV
IC=-5A, VCE=-1V*
Static forward current transfer ratio
HFE
100
100
45
10
250
200
90
25
300
IC=-10mA, VCE=-1V*
I
C=-2A, VCE=-1V*
I
C=-5A, VCE=-1V*
I
C=-10A, VCE=-1V*
Transition frequency
fT
120
MHz IC=-100mA, VCE=-10V
f=50MHz
Output capacitance
COBO
48
pF
VCB=-10V, f=1MHz*
Switching times
tON
tOFF
39
370
ns
IC=1A, VCC=10V,
IB1=IB2=100mA
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
* Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.


Similar Part No. - ZX5T951GTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX5T951GTA DIODES-ZX5T951GTA Datasheet
133Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results

Similar Description - ZX5T951GTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX5T951G DIODES-ZX5T951G_15 Datasheet
540Kb / 7P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2012G DIODES-ZXTP2012G_15 Datasheet
132Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T951G DIODES-ZX5T951G Datasheet
133Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2012G DIODES-ZXTP2012G Datasheet
132Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTP2012G ZETEX-ZXTP2012G Datasheet
123Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T851G ZETEX-ZX5T851G Datasheet
122Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010G ZETEX-ZXTN2010G Datasheet
122Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2010G DIODES-ZXTN2010G_15 Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010G DIODES-ZXTN2010G Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T851G DIODES-ZX5T851G_15 Datasheet
491Kb / 7P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com