Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-OAC5AH Datasheet(PDF) 3 Page - Crydom Inc.,

Part # M-OAC5AH
Description  M SERIES OUTPUT MODULES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

M-OAC5AH Datasheet(HTML) 3 Page - Crydom Inc.,

  M-OAC5AH Datasheet HTML 1Page - Crydom Inc., M-OAC5AH Datasheet HTML 2Page - Crydom Inc., M-OAC5AH Datasheet HTML 3Page - Crydom Inc., M-OAC5AH Datasheet HTML 4Page - Crydom Inc., M-OAC5AH Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EQUIVALENT CIRCUIT DIAGRAMS / MECHANICAL SPECIFICATIONS
AGENCY APPROVALS
E46203
38595
Rev. 042017
Datasheet
I/O Modules
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
General Notes:
(1) Specifications apply to an ambient temperature of -30 to 80°C unless otherwise noted.
Whitout external LED status indicator Add 1.7 volts for external LED if utilized.
At nominal input voltage, without external LED status indicator.
Maximum 1 minute duration for OAC modules when applied as a DC voltage rather than a peek AC voltage.
At maximum line voltage, 25°C for OAC modules, and 80°C for ODC modules.
Minimum DV/DT per EIA/NARM RS433, method RS397, DV/DT raitings do not apply to DC output models.
At 40°C derate OAC modules 58 mA/°C to 80°C derate ODC, ODCxMC and ODCxML modules 50mA/°C
to 80°C CSA rating of OAC modules is 3.0 Arms at 40°C.
At 25°C for 1 second maximum duration: 1 AC cycle for AC modules, 1 second for DC modules.
+ / - 10% at 25°C.
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
(14)
At maximum line voltage, maximum rated output current, nominal input voltage and 25°C switching speed
of OAC modules is based upon 60 Hz line frequency
At maximum rated on-state current and 25°C.
At 25°C for 1 second maximum duration.
1/3 HP at 240 VAC 1/8 HP at 120 VAC.
At 25°C for 1 second maximum duration.
CASE COLORS:
AC-BLACK
DC-RED
0.3 (7.6)
0.7 (17.8)
1.2 (30.5)
1.4 (35.6)
1.7 (43.2)
0.042 (1.1) DIA
1
2
3
4
UNLESS OTHERWISE SPECIFIED
DIMENSIONS: INCHES (MILLIMETERS)
TOLERANCE:
±0.020 (±0.50)


Similar Part No. - M-OAC5AH

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
M-OAC5AH CRYDOM-M-OAC5AH Datasheet
1Mb / 5P
   I/O Modules
M-OAC5AH CRYDOM-M-OAC5AH Datasheet
610Kb / 5P
   I/O Modules
More results

Similar Description - M-OAC5AH

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
M-ODC5M-C CRYDOM-M-ODC5M-C Datasheet
1Mb / 5P
   M SERIES OUTPUT MODULES
MOAC5AH CRYDOM-MOAC5AH Datasheet
1Mb / 5P
   M SERIES OUTPUT MODULES
M-OACUAH CRYDOM-M-OACUAH Datasheet
1Mb / 5P
   M SERIES OUTPUT MODULES
SM-OAC5 CRYDOM-SM-OAC5 Datasheet
1Mb / 5P
   SM SERIES OUTPUT MODULES
84130104 CRYDOM-84130104 Datasheet
566Kb / 4P
   GMS SERIES 17.5mm OUTPUT MODULES
logo
National Instruments Co...
NI9263 NI-NI9263 Datasheet
1Mb / 5P
   C Series Analog Output Modules
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
   Input/Output Modules
logo
Grayhill, Inc
70M-ODC5 GRAYHILL-70M-ODC5 Datasheet
125Kb / 2P
   DC Output Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com