Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1267 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # KTA1267
Description  TO-92S Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

KTA1267 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  KTA1267 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1267 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1267 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1267 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-1
-10
-100
-10
-100
-1000
-1
-10
-100
-400
-600
-800
-1000
-1
-10
-100
0
100
200
300
400
-0
-3
-6
-9
-12
-0
-1
-2
-3
-4
0
25
50
75
100
125
150
0
100
200
300
400
500
-0.1
-1
-10
1
-1
-10
-100
10
100
1000
-150
β=10
T
a=100
T
a=25
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
-0.3
I
C
-150
f
T
——
h
FE
——
β=10
I
C
V
BEsat
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= -6V
I
C
T
a=25
T
a=100
COLLECTOR CURRENT I
C
(mA)
-150
-15.0uA
-13.5uA
-12.0uA
-10.5uA
-9.0uA
-7.5uA
-6.0uA
-4.5uA
Static Characteristic
-3.0uA
I
B=-1.5uA
COMMON EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
3
10
20
f=1MHz
I
E=0/IC=0
T
a=25
-20
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
COMMON EMITTER
V
CE= -10V
T
a=25
COLLECTOR CURRENT I
C
(mA)
Typical Characteristics
www.cj-elec.com
2
A,Jun,2014
www.cj-elec.com
E,Aug,2016


Similar Part No. - KTA1267

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1267 KEC-KTA1267 Datasheet
330Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
SHENZHEN YONGERJIA INDU...
KTA1267 WINNERJOIN-KTA1267 Datasheet
137Kb / 1P
   TRANSISTOR (PNP)
logo
Foshan Blue Rocket Elec...
KTA1267 FOSHAN-KTA1267 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
Micro Commercial Compon...
KTA1267-GR MCC-KTA1267-GR Datasheet
101Kb / 4P
   PNP General Purpose Application
KTA1267-GR MCC-KTA1267-GR Datasheet
395Kb / 4P
   PNP General Purpose Application
More results

Similar Description - KTA1267

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
KSD1021 JIANGSU-KSD1021 Datasheet
507Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KTC3195 JIANGSU-KTC3195 Datasheet
269Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SA821S JIANGSU-2SA821S Datasheet
500Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SC3311A JIANGSU-2SC3311A Datasheet
586Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SC4115S JIANGSU-2SC4115S Datasheet
2Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
2SD2470 JIANGSU-2SD2470 Datasheet
369Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SA933AS JIANGSU-2SA933AS Datasheet
6Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
2SC2839 JIANGSU-2SC2839 Datasheet
805Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KSD1020 JIANGSU-KSD1020 Datasheet
486Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KTC3199 JIANGSU-KTC3199 Datasheet
2Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
2SA1267 JIANGSU-2SA1267 Datasheet
3Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com