Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1505 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # KTA1505
Description  SOT-23 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

KTA1505 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  KTA1505 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1505 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1505 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1505 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Transistors
KTA1505
TRANSISTOR(PNP)
FEATURES
· Excellent h
FE linearity:
· Complementary to KTC3876
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-100μA,IE=0
-35
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-35V,IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
μA
hFE(1)
VCE=-1V,IC=-100mA
70
400
DC current gain
hFE(2)
VCE=-6V,IC=-400mA
25
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA,IB=-10mA
-0.25
V
Base-emitter voltage
VBE
VCE=-1V,IC=-100mA
-1
V
Transition frequency
fT
VCE=-6V,IC=-20mA
200
MHz
Collector output capacitance
Cob
VCB=-6V,IE=0,f=1MHz
13
pF
CLASSIFICATION OF hFE(1)
Rank
O
Y
GR
Range
70-140
120-240
200-400
Marking
AZO
AZY
AZG
SOT-23
1.
BASE
2.
EMITTER
3.
COLLECTOR
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
B,Jun,2014
JC T
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-35
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-500
mA
PC
Collector Power Dissipation
150
mW
RΘJA
Thermal Resistance From Junction To Ambient
833
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150


Similar Part No. - KTA1505

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1505 KEC-KTA1505 Datasheet
246Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Galaxy Semi-Conductor H...
KTA1505 BILIN-KTA1505 Datasheet
232Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
logo
MAKO SEMICONDUCTOR CO.,...
KTA1505 MAKOSEMI-KTA1505 Datasheet
83Kb / 2P
   Excellent hFE linearity
logo
GUANGDONG HOTTECH INDUS...
KTA1505 HOTTECH-KTA1505 Datasheet
150Kb / 2P
   Plastic-Encapsulate Transistors
More results

Similar Description - KTA1505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com