Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF107AM Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMF107AM
Description  Voltage 50 ~ 1000 V 1.0 Amp Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMF107AM Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMF107AM Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMF107AM Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SMF101AM~SMF107AM
Voltage 50 ~ 1000 V
1.0 Amp Fast Recovery Rectifiers
17-Apr -2015 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - SMF107AM

ManufacturerPart #DatasheetDescription
logo
Bytes
SMF107A BYTES-SMF107A Datasheet
156Kb / 2P
   1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMF107A SECOS-SMF107A Datasheet
204Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
logo
Goodwork Semiconductor ...
SMF107A GWSEMI-SMF107A Datasheet
68Kb / 2P
   1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
SMF107A SUNMATE-SMF107A Datasheet
345Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - SMF107AM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF101JD SECOS-SEF101JD Datasheet
133Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF101AM SECOS-SEF101AM Datasheet
168Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF101FL SECOS-SEF101FL Datasheet
390Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SMF301AM SECOS-SMF301AM Datasheet
193Kb / 2P
   Voltage 50 ~ 1000 V 3.0 Amp Fast Recovery Rectifiers
SMF201AM SECOS-SMF201AM Datasheet
187Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp Fast Recovery Rectifiers
SUF101AM SECOS-SUF101AM Datasheet
189Kb / 2P
   Voltage 50 ~ 600 V 1.0 Amp Surface Mount Super Fast Recovery Rectifiers
logo
Micro Commercial Compon...
FSM11PL MCC-FSM11PL_11 Datasheet
176Kb / 3P
   1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
RGP10A MCC-RGP10A Datasheet
85Kb / 3P
   1.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
FSM11PL MCC-FSM11PL_13 Datasheet
168Kb / 3P
   1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Bytes
BA157 BYTES-BA157 Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com