Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7312 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AD7312
Description  1/4 to 1/11 Duty VFD Controller/Driver & Standby Master/Slave
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD7312 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AD7312 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD7312
1/4 to 1/11 Duty VFD Controller/Driver & Standby Master/Slave (Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev. A2 Dec 29, 2003
4/12
Ordering Information
AD7312 X X X
Packing
Blank : Tray
Q: QFP-44L
Package
Lead
Blank: Normal
F: Lead Free
L: LQFP-44L
Block Diagram
2-bit
latch
DIN
DOUT
CLK
STB
R
VDD
4
2
VDD
(+5V)
6
11
5
5
16 11
5
VEE
(-30V)
VSS
(0V)
Serial
I/F
2-bit latch
LED1,4
OSC
SW1
SW4
KEY1
to
KEY4
Command
decoder
Display memory
16 bits×
11 Words
Timing generator
key scan
Key data memory
(4× 6)
Dimming
circuit
Seg6/KS6
Seg7
Seg12/Grid11
Grid1
Grid6
Seg16/Grid7
Seg1/KS1
Seg11
5
6
Remote Control
decoder
CLK
STB
REBUF
PSV
2


Similar Part No. - AD7312

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7314 AD-AD7314 Datasheet
97Kb / 8P
   Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
REV. 0
AD7314 AD-AD7314 Datasheet
164Kb / 8P
   Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
REV. A
AD7314 AD-AD7314 Datasheet
194Kb / 9P
   10-Bit Digital Temperature Sensor
AD7314ARM AD-AD7314ARM Datasheet
97Kb / 8P
   Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
REV. 0
AD7314ARM AD-AD7314ARM Datasheet
164Kb / 8P
   Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
REV. A
More results

Similar Description - AD7312

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM86312 STMICROELECTRONICS-STM86312_06 Datasheet
327Kb / 24P
   1/4 to 1/11-duty VFD controller/driver
logo
List of Unclassifed Man...
AD16312 ETC-AD16312 Datasheet
184Kb / 11P
   1/4- TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
STMicroelectronics
STM86312 STMICROELECTRONICS-STM86312 Datasheet
434Kb / 16P
   1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
List of Unclassifed Man...
AD6312 ETC-AD6312 Datasheet
226Kb / 13P
   1/4- to 1/11 Duty VFD Controller/Driver
TP6312 ETC2-TP6312 Datasheet
497Kb / 9P
   1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
NEC
UPD16312 NEC-UPD16312 Datasheet
143Kb / 20P
   1/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER
logo
Silan Microelectronics ...
SC16312 SILAN-SC16312 Datasheet
164Kb / 12P
   1/4 to 1/11 DUTY FIP(VFD) CONTROLLER/DRIVER
logo
Renesas Technology Corp
PD16312 RENESAS-PD16312_15 Datasheet
336Kb / 25P
   1/4- to 1/11-DUTY FIPTM (VFD) CONTROLLER/DRIVER
logo
Holtek Semiconductor In...
HT16512 HOLTEK-HT16512 Datasheet
128Kb / 12P
   1/4 to 1/11 Duty VFD Controller
HT16512 HOLTEK-HT16512_05 Datasheet
195Kb / 10P
   1/4 to 1/11 Duty VFD Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com