Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7312L Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AD7312L
Description  1/4 to 1/11 Duty VFD Controller/Driver & Standby Master/Slave
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD7312L Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AD7312L Datasheet HTML 1Page - List of Unclassifed Manufacturers AD7312L Datasheet HTML 2Page - List of Unclassifed Manufacturers AD7312L Datasheet HTML 3Page - List of Unclassifed Manufacturers AD7312L Datasheet HTML 4Page - List of Unclassifed Manufacturers AD7312L Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7312L Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7312L Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7312L Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7312L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD7312
1/4 to 1/11 Duty VFD Controller/Driver & Standby Master/Slave (Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev. A2 Dec 29, 2003
5/12
Absolute Maximum Ratings (T
A=25
oC,V
SS=0V )
Parameter
Symbol
Rating
Unit
Logic Supply Voltage
VDD
-0.5 to +7.0
V
Driver Supply Voltage
VEE
VDD +0.5 to VDD -40
V
Logic Input Voltage
VI1
-0.5 to VDD +0.5
V
VFD Driver Output Voltage
VO2
VEE-0.5 to VDD +0.5
V
LED Driver Output Current
IO1
+15
mA
VFD Driver Output Current
IO2
-40 (grid)
-15 (segment)
mA
Operating Ambient Temperature
TOPT
-25 to +85
oC
Storage Temperature
TSTG
-50 to +125
oC
Operating Conditions (T
A=0 to +70
oC,V
SS=0V)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Logic Supply Voltage
VDD
4.5
5
5.5
V
High-Level Input Voltage
VIH
0.7·VDD
VDD
V
Low-Level Input Voltage
VIL
0
0.3·VDD
V
Driver Supply Voltage
VEE
0
VDD-35
V
DC Characteristics (T
A=0 to 70
oC, V
DD=4.5 to 5.5V, VSS=0V, VEE=VDD-35V)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
High-Level Output Voltage
VOH1
LED1/LED4, IOH1=-1mA
0.9VDD
V
Low-Level Output Voltage
VOL1
LED1/LED4, IOL1=12mA
1
V
Low-Level Output Voltage
VOL2
DOUT, IOL2=2mA
0.4
V
High-Level Output Current
IOH21
VO=VDD-2V, Seg1 to Seg11
-3
mA
High-Level Output Current
IOH22
VO=VDD-2V, Grid 1 to Grid6
Seg12/Grid11 to Seg16/Grid7
-15
mA
Driver Leakage Current
IOLEAK
VO=VDD-35V, driver off
-10
μ
A
Output Pull-Down Resistor
RL
Driver output
50
100
150
High-Level Input Voltage
VIH
0.7VDD
V
Low-Level Input Voltage
VIL
0.3VDD
V
AC Characteristics (T
a=0 to +70
oC,V
DD=4.5 to 5.5 V, VEE=-30V)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Oscillation Frequency
fOSC
R=51 kΩ
350
500
650
KHZ
Maximum Clock Frequency
fmax.
Duty=50%
1
MHZ
Clock Pulse Width
PWCLK
500
ns
Strobe Pulse Width
PWSTB
1
µs
Data Setup Time
tSETUP
100
ns
Data Hold Time
tHOLD
100
ns
Clock-Strobe Time
tCLK-STB
CLK↑→STB↑
1
µs
Wait Time
tWAIT
CLK↑→CLK↓(Note)
1
µs
tPHZ
CLK→DOUT
300
ns
Propagation delay time
tPZL
CL=15pF,RL=10 kΩ
100
ns
Rise time
tTZH
2
µs
Fall time
tTHZ
CL=300pF
Segn,Gridn
160
µs
Note : Refer to page 8.


Similar Part No. - AD7312L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7314 AD-AD7314 Datasheet
97Kb / 8P
   Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
REV. 0
AD7314 AD-AD7314 Datasheet
164Kb / 8P
   Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
REV. A
AD7314 AD-AD7314 Datasheet
194Kb / 9P
   10-Bit Digital Temperature Sensor
AD7314ARM AD-AD7314ARM Datasheet
97Kb / 8P
   Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
REV. 0
AD7314ARM AD-AD7314ARM Datasheet
164Kb / 8P
   Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
REV. A
More results

Similar Description - AD7312L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM86312 STMICROELECTRONICS-STM86312_06 Datasheet
327Kb / 24P
   1/4 to 1/11-duty VFD controller/driver
logo
List of Unclassifed Man...
AD16312 ETC-AD16312 Datasheet
184Kb / 11P
   1/4- TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
STMicroelectronics
STM86312 STMICROELECTRONICS-STM86312 Datasheet
434Kb / 16P
   1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
List of Unclassifed Man...
AD6312 ETC-AD6312 Datasheet
226Kb / 13P
   1/4- to 1/11 Duty VFD Controller/Driver
TP6312 ETC2-TP6312 Datasheet
497Kb / 9P
   1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
NEC
UPD16312 NEC-UPD16312 Datasheet
143Kb / 20P
   1/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER
logo
Silan Microelectronics ...
SC16312 SILAN-SC16312 Datasheet
164Kb / 12P
   1/4 to 1/11 DUTY FIP(VFD) CONTROLLER/DRIVER
logo
Renesas Technology Corp
PD16312 RENESAS-PD16312_15 Datasheet
336Kb / 25P
   1/4- to 1/11-DUTY FIPTM (VFD) CONTROLLER/DRIVER
logo
Holtek Semiconductor In...
HT16512 HOLTEK-HT16512 Datasheet
128Kb / 12P
   1/4 to 1/11 Duty VFD Controller
HT16512 HOLTEK-HT16512_05 Datasheet
195Kb / 10P
   1/4 to 1/11 Duty VFD Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com