Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1821ACV Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1821ACV
Description  ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1821ACV Datasheet(HTML) 6 Page - Analog Intergrations Corporation

  AIC1821ACV Datasheet HTML 1Page - Analog Intergrations Corporation AIC1821ACV Datasheet HTML 2Page - Analog Intergrations Corporation AIC1821ACV Datasheet HTML 3Page - Analog Intergrations Corporation AIC1821ACV Datasheet HTML 4Page - Analog Intergrations Corporation AIC1821ACV Datasheet HTML 5Page - Analog Intergrations Corporation AIC1821ACV Datasheet HTML 6Page - Analog Intergrations Corporation AIC1821ACV Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AIC1821
ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
SPEC NO: DS-1821-P1 06/07/00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based IndustrialPark,Hsinchu,Taiwan, R.O.C.
TEL: (8863)577-2500
FAX:(8863)577-2510
6
connected
under
overdischarge
condition
and
overstress protection at reverse connecting of a
charger. Larger value of R2 reduces the charger
leakage current in overcharge mode, but possibly
disables
the
charge
detection
function
after
overdischarge.
Resistance
of
100K
is
recommended.
n TIMING DIAGRAM
l Overcharge and Overdischarge Protection
charger connected
load connected
load connected
charger connected
charger connected
Hi-Z
TOD
TOC
TOC
V
CC
VOC
V
OD
0V
VCC
VCC
VODR
VODP
VOCP
VOCP -VHYS
Hi-Z
l
Overcurrent Protection (V
CC=3.5V)
VCC
VCC
0.2V
VOD
VBATT-
0V
0V
1V
VCC
<TOI1
TOI2
VOC
TOI1


Similar Part No. - AIC1821ACV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802ACS AIC-AIC1802ACS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802BCS AIC-AIC1802BCS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802CCS AIC-AIC1802CCS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
   Three-Cell Lithium-Ion Battery Protection IC
More results

Similar Description - AIC1821ACV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
logo
SHOUDING Shouding Semic...
SD5350A SHOUDING-SD5350A Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5464C HMSEMI-HM5464C Datasheet
2Mb / 13P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5464A HMSEMI-HM5464A Datasheet
2Mb / 13P
   One Cell Lithium-ion/Polymer Battery Protection IC
logo
Unisonic Technologies
UB2421 UTC-UB2421 Datasheet
232Kb / 11P
   ONE CELL LITHIUM-ION / POLYMER BATTERY PROTECTION IC
logo
Shenzhen Huazhimei Semi...
HM9901 HMSEMI-HM9901 Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5456R HMSEMI-HM5456R Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5563A HMSEMI-HM5563A Datasheet
2Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM9901G HMSEMI-HM9901G Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com