Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0016021117 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0016021117
Description  SL Crimp Terminal, Series 71851, Female, with 0.76m Selective Gold
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0016021117 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0016021117_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/01/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0016021117
Status:
Active
Overview:
C-Grid® Products
Description:
SL™ Crimp Terminal, Series 71851, Female, with 0.76µm Selective Gold (Au) Plated
Contact, 24-30 AWG, Bag
Documents:
Drawing (PDF)
Product Specification TS-70541-001-001 (PDF)
Product Specification PS-70400-001 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-71851-001 (PDF)
General
Product Family
Crimp Terminals
Series
71851
Application
Signal
Crimp Quality Equipment
Yes
Overview
C-Grid® Products
Packaging Alternative
16-02-1113 (Reel)
Product Name
SL™
UPC
800753595811
Physical
Gender
Female
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Net Weight
0.060/g
Packaging Type
Bag
Plating min - Mating
0.762µm
Plating min - Termination
1.905µm
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.52mm max.
Wire Size AWG
24, 26, 28, 30
Wire Size mm²
N/A
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Engineering Number
71851-0208
Reference - Drawing Numbers
Product Specification
PS-70400-001, PS-71851-001, TS-70541-001-001
Sales Drawing
SD-71851-0208
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
71851 Series
This document was generated on 09/01/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0016021117_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0016021117 MOLEX2-0016021117 Datasheet
92Kb / 2P
   SL??Crimp Terminal, Series 71851, Female, with 0.76關m (30關) Selective Gold (Au) Plated Contact, 24-30 AWG, Bag
More results

Similar Description - 0016021117_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0016021111 MOLEX1-0016021111_17 Datasheet
27Kb / 1P
   SL Crimp Terminal, Series 71851, Female, with 0.76m Selective Gold
0016021113 MOLEX1-0016021113_17 Datasheet
27Kb / 1P
   SL Crimp Terminal, Series 71851, Female, with 0.76m Selective Gold
0016021115 MOLEX1-0016021115_17 Datasheet
27Kb / 1P
   SL Crimp Terminal, Series 71851, Female, with 0.76m Selective Gold
0016021109 MOLEX1-0016021109_17 Datasheet
27Kb / 1P
   SL Crimp Terminal, Series 71851, Female, with 0.38m Selective Gold
0016021125 MOLEX1-0016021125_17 Datasheet
27Kb / 1P
   SL Crimp Terminal, Series 71851, Female, with 0.38m Selective Gold
0016020119 MOLEX1-0016020119_17 Datasheet
27Kb / 1P
   SL Crimp Terminal, Series 71851, Female, with 0.38m Selective Gold
0016021124 MOLEX1-0016021124_17 Datasheet
27Kb / 1P
   SL Crimp Terminal, Series 71851, Female, with 0.38m Selective Gold
0016020117 MOLEX1-0016020117_17 Datasheet
29Kb / 1P
   SL Crimp Terminal, Series 70021, Male, with 0.76m Selective Gold
0016020110 MOLEX1-0016020110_17 Datasheet
29Kb / 1P
   SL Crimp Terminal, Series 70021, Male, with 0.76m Selective Gold
0016020116 MOLEX1-0016020116_17 Datasheet
29Kb / 1P
   SL Crimp Terminal, Series 70021, Male, with 0.76m Selective Gold
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com