Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4402 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AO4402
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AO4402 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AO4402 Datasheet HTML 1Page - List of Unclassifed Manufacturers AO4402 Datasheet HTML 2Page - List of Unclassifed Manufacturers AO4402 Datasheet HTML 3Page - List of Unclassifed Manufacturers AO4402 Datasheet HTML 4Page - List of Unclassifed Manufacturers AO4402 Datasheet HTML 5Page - List of Unclassifed Manufacturers AO4402 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
θ
E
θ
h
L
aaa
b
E1
c
e
D
A
A2
A1
SYMBOLS
0.050 BSC
0.50
1.27
0.10
0.10
5.00
6.20
4.00
0.51
0.25
−−−
1.55
−−−
5.80
0.25
0.40
−−−
−−−
−−−
−−−
−−−
1.27 BSC
0.19
3.80
4.80
1.45
0.33
−−−
0.00
−−−
−−−
−−−
−−−
1.50
1.45
−−−
−−−
0.228
0.010
0.016
−−−
−−−
−−−
−−−
−−−
0.057
0.007
0.013
−−−
0.150
0.189
0.000
−−−
−−−
−−−
−−−
0.059
0.057
−−−
0.244
0.020
0.050
0.004
0.010
0.157
0.197
0.061
0.020
−−−
0.004
DIMENSIONS IN INCHES
DIMENSIONS IN MILLIMETERS
MAX
MIN
NOM
MIN
NOM
MAX
SO-8 Package Data
NOTE:
1. LEAD FINISH: 150 MICROINCHES ( 3.8 um) MIN.
THICKNESS OF Tin/Lead (SOLDER) PLATED ON LEAD
2. TOLERANCE ±0.100 mm (4 mil) UNLESS OTHERWISE
SPECIFIED
3. COPLANARITY : 0.1000 mm
4. DIMENSION L IS MEASURED IN GAGE PLANE
RECOMMENDED LAND PATTERN
PACKAGE MARKING DESCRIPTION
NOTE:
LG
- AOS LOGO
PARTN - PART NUMBER CODE.
F
- FAB LOCATION
A
- ASSEMBLY LOCATION
Y
- YEAR CODE
W
- WEEK CODE.
L N
- ASSEMBLY LOT CODE
SO-8 PART NO. CODE
PART NO.
AO4400
AO4401
CODE
4401
4400
4800
CODE
AO4800
AO4801
PART NO.
4801
4700
CODE
AO4700
AO4701
PART NO.
4701
UNIT: mm
ALPHA & OMEGA
SEMICONDUCTOR, INC.


Similar Part No. - AO4402

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4402 AOSMD-AO4402 Datasheet
280Kb / 6P
   20V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4402 WHXPCB-AO4402 Datasheet
2Mb / 6P
   20V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4402 KEXIN-AO4402 Datasheet
1Mb / 5P
   N-Channel MOSFET
AO4402-HF KEXIN-AO4402-HF Datasheet
1Mb / 5P
   N-Channel MOSFET
More results

Similar Description - AO4402

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com