Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1317A18-M5T1U4 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-1317A18-M5T1U4
Description  5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 uA SUPER LOW CURRENT CONSUMPTION
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1317A18-M5T1U4 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-1317A18-M5T1U4 Datasheet HTML 1Page - Seiko Instruments Inc S-1317A18-M5T1U4 Datasheet HTML 2Page - Seiko Instruments Inc S-1317A18-M5T1U4 Datasheet HTML 3Page - Seiko Instruments Inc S-1317A18-M5T1U4 Datasheet HTML 4Page - Seiko Instruments Inc S-1317A18-M5T1U4 Datasheet HTML 5Page - Seiko Instruments Inc S-1317A18-M5T1U4 Datasheet HTML 6Page - Seiko Instruments Inc S-1317A18-M5T1U4 Datasheet HTML 7Page - Seiko Instruments Inc S-1317A18-M5T1U4 Datasheet HTML 8Page - Seiko Instruments Inc S-1317A18-M5T1U4 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35
μA SUPER LOW CURRENT CONSUMPTION
S-1317 Series
Rev.1.0_00
4
3. Product name list
Table 2
Output Voltage
SOT-23-5
HSNT-4(1010)
1.0 V
± 15 mV
S-1317A10-M5T1U4
S-1317A10-A4T2U4
1.2 V
± 15 mV
S-1317A12-M5T1U4
S-1317A12-A4T2U4
1.8 V
± 1.0%
S-1317A18-M5T1U4
S-1317A18-A4T2U4
2.5 V
± 1.0%
S-1317A25-M5T1U4
S-1317A25-A4T2U4
3.0 V
± 1.0%
S-1317A30-M5T1U4
S-1317A30-A4T2U4
Remark Please contact our sales office for products with specifications other than the above.


Similar Part No. - S-1317A18-M5T1U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1317A18-M5T1U4 ABLIC-S-1317A18-M5T1U4 Datasheet
1Mb / 31P
   5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 ?쵡 SUPER LOW CURRENT CONSUMPTION
Rev.1.0_01
More results

Similar Description - S-1317A18-M5T1U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1317 ABLIC-S-1317 Datasheet
1Mb / 31P
   5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 ?쵡 SUPER LOW CURRENT CONSUMPTION
Rev.1.0_01
logo
Seiko Instruments Inc
S1740 SII-S1740 Datasheet
3Mb / 47P
   POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5 uA SUPER LOW CURRENT CONSUMPTION
logo
ABLIC Inc.
S-1318 ABLIC-S-1318 Datasheet
856Kb / 42P
   5.5 V INPUT, 100 mA, 95 nA SUPER LOW CURRENT CONSUMPTION VOLTAGE REGULATOR
Rev.1.1_00
logo
Seiko Instruments Inc
S1702 SII-S1702 Datasheet
609Kb / 45P
   SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
logo
Analog Devices
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122 AD-ADP122 Datasheet
616Kb / 20P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
logo
Seiko Instruments Inc
S85V1A SII-S85V1A Datasheet
2Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 uA QUIESCENT CURRENT
logo
ABLIC Inc.
S-13R1 ABLIC-S-13R1 Datasheet
636Kb / 49P
   5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH REVERSE CURRENT PROTECTION
Rev.1.3_00
logo
Seiko Instruments Inc
S1313 SII-S1313 Datasheet
3Mb / 56P
   SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com