Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1312A10H-A4T2U3 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-1312A10H-A4T2U3
Description  OPERATION LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1312A10H-A4T2U3 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-1312A10H-A4T2U3 Datasheet HTML 1Page - Seiko Instruments Inc S-1312A10H-A4T2U3 Datasheet HTML 2Page - Seiko Instruments Inc S-1312A10H-A4T2U3 Datasheet HTML 3Page - Seiko Instruments Inc S-1312A10H-A4T2U3 Datasheet HTML 4Page - Seiko Instruments Inc S-1312A10H-A4T2U3 Datasheet HTML 5Page - Seiko Instruments Inc S-1312A10H-A4T2U3 Datasheet HTML 6Page - Seiko Instruments Inc S-1312A10H-A4T2U3 Datasheet HTML 7Page - Seiko Instruments Inc S-1312A10H-A4T2U3 Datasheet HTML 8Page - Seiko Instruments Inc S-1312A10H-A4T2U3 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
105
°C OPERATION LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312xxxH Series
Rev.1.1_01
4
Product Name Structure
Users can select the product type, output voltage, and package type for the S-1312xxxH Series. Refer to "1. Product
name" regarding the contents of product name, "2. Function list of product types" regarding the product type,
"3. Packages" regarding the package drawings, "4. Product name lists" regarding details of the product name.
1. Product name
S-1312 x xx H - xxxx U 3
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Package abbreviation and IC packing specifications
*1
M5T1: SOT-23-5, Tape
A4T2: HSNT-4 (1010), Tape
Operation temperature
H:
Ta =
−40°C to +105°C
Output voltage
*2
10 to 35
(e.g., when the output voltage is 1.0 V, it is expressed as 10.)
Product type
*3
A to D
*1.
Refer to the tape drawing.
*2.
If you request the product which has 0.05 V step, contact our sales office.
*3.
Refer to "2. Function list of product types".
2. Function list of product types
Table 1
Product Type
ON / OFF Logic
Discharge Shunt Function
Pull-down Resistor
A
Active "H"
Available
Available
B
Active "H"
Available
Unavailable
C
Active "H"
Unavailable
Available
D
Active "H"
Unavailable
Unavailable
3. Packages
Table 2 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
HSNT-4 (1010)
PL004-A-P-SD
PL004-A-C-SD
PL004-A-R-SD
PL004-A-L-SD


Similar Part No. - S-1312A10H-A4T2U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1312A10H-A4T2U3 SII-S-1312A10H-A4T2U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1312A10H-A4T2U3 ABLIC-S-1312A10H-A4T2U3 Datasheet
1Mb / 39P
   105°C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.2_00
More results

Similar Description - S-1312A10H-A4T2U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1312 SII-S1312 Datasheet
2Mb / 47P
   LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1167 SII-S-1167 Datasheet
474Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1167 ABLIC-S-1167 Datasheet
546Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com