Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5104BA36WGEVB Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP5104BA36WGEVB
Description  High Voltage, Half Bridge Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5104BA36WGEVB Datasheet(HTML) 1 Page - ON Semiconductor

  NCP5104BA36WGEVB Datasheet HTML 1Page - ON Semiconductor NCP5104BA36WGEVB Datasheet HTML 2Page - ON Semiconductor NCP5104BA36WGEVB Datasheet HTML 3Page - ON Semiconductor NCP5104BA36WGEVB Datasheet HTML 4Page - ON Semiconductor NCP5104BA36WGEVB Datasheet HTML 5Page - ON Semiconductor NCP5104BA36WGEVB Datasheet HTML 6Page - ON Semiconductor NCP5104BA36WGEVB Datasheet HTML 7Page - ON Semiconductor NCP5104BA36WGEVB Datasheet HTML 8Page - ON Semiconductor NCP5104BA36WGEVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2015
June, 2015 − Rev. 7
1
Publication Order Number:
NCP5104/D
NCP5104, NCV5104
High Voltage, Half Bridge
Driver
The NCP5104 is a High Voltage Power gate Driver providing two
outputs for direct drive of 2 N−channel power MOSFETs or IGBTs
arranged in a half−bridge configuration. It uses the bootstrap
technique to insure a proper drive of the High−side power switch.
Features
High Voltage Range: up to 600 V
dV/dt Immunity ±50 V/nsec
Gate Drive Supply Range from 10 V to 20 V
High and Low Drive Outputs
Output Source / Sink Current Capability 250 mA / 500 mA
3.3 V and 5 V Input Logic Compatible
Up to VCC Swing on Input Pins
Extended Allowable Negative Bridge Pin Voltage Swing to −10 V
for Signal Propagation
Matched Propagation Delays between Both Channels
1 Input with Internal Fixed Dead Time (520 ns)
Under VCC LockOut (UVLO) for Both Channels
Pin to Pin Compatible with Industry Standards
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
Half−Bridge Power Converters
SOIC−8
D SUFFIX
CASE 751
MARKING
DIAGRAMS
NCP5104 = Specific Device Code
A
= Assembly Location
L or WL
= Wafer Lot
Y or YY
= Year
W or WW
= Work Week
G or
G
= Pb−Free Package
www.onsemi.com
1
PDIP−8
P SUFFIX
CASE 626
P5104
ALYW
G
1
8
1
NCP5104
AWL
YYWWG
PINOUT INFORMATION
8 Pin Package
2
3
4
1
7
6
5
8
SD
IN
VCC
GND
VBOOT
DRV_HI
BRIDGE
DRV_LO
Device
Package
Shipping
ORDERING INFORMATION
NCP5104PG
PDIP−8
(Pb−Free)
50 Units / Rail
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NCP5104DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
NCV5104DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel


Similar Part No. - NCP5104BA36WGEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5104 ONSEMI-NCP5104 Datasheet
122Kb / 15P
   High Voltage, Half Bridge Driver
March, 2008 - Rev. 2
NCP5104 ONSEMI-NCP5104 Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
NCP5104DR2G ONSEMI-NCP5104DR2G Datasheet
122Kb / 15P
   High Voltage, Half Bridge Driver
March, 2008 - Rev. 2
NCP5104DR2G ONSEMI-NCP5104DR2G Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
NCP5104PG ONSEMI-NCP5104PG Datasheet
122Kb / 15P
   High Voltage, Half Bridge Driver
March, 2008 - Rev. 2
More results

Similar Description - NCP5104BA36WGEVB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81740FP MITSUBISHI-M81740FP Datasheet
265Kb / 10P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384D013TR STMICROELECTRONICS-L6384D013TR Datasheet
153Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81731FP MITSUBISHI-M81731FP Datasheet
79Kb / 6P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M63991FP MITSUBISHI-M63991FP Datasheet
75Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
ON Semiconductor
NCP5104 ONSEMI-NCP5104_15 Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com