Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2200SQ2T2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCS2200SQ2T2G
Description  Low Voltage Comparators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2200SQ2T2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCS2200SQ2T2G Datasheet HTML 1Page - ON Semiconductor NCS2200SQ2T2G Datasheet HTML 2Page - ON Semiconductor NCS2200SQ2T2G Datasheet HTML 3Page - ON Semiconductor NCS2200SQ2T2G Datasheet HTML 4Page - ON Semiconductor NCS2200SQ2T2G Datasheet HTML 5Page - ON Semiconductor NCS2200SQ2T2G Datasheet HTML 6Page - ON Semiconductor NCS2200SQ2T2G Datasheet HTML 7Page - ON Semiconductor NCS2200SQ2T2G Datasheet HTML 8Page - ON Semiconductor NCS2200SQ2T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NCS2200, NCS2200A, NCV2200, NCS2202A
www.onsemi.com
4
NCS2200 ELECTRICAL CHARACTERISTICS (For all values VCC = 0.85 V to 6.0 V, VEE = 0 V, TA = 25°C, unless otherwise
noted.) (Note 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VHYS
Input Hysteresis
TA = 25°C
2.0
8.0
20
mV
VIO
Input Offset Voltage
VCC = 0.85 V
TA = 25°C
TA = TLow to THigh (Note 5)
−10
−12
0.5
+10
+12
mV
VCC = 3.0 V
TA = 25°C
TA = TLow to THigh
−6.0
−8.0
0.5
+6.0
+8.0
VCC = 6.0 V
TA = 25°C
TA = TLow to THigh
−5.0
−7.0
0.5
+5.0
+7.0
VCM
Common Mode Voltage Range
VEE to VCC
V
ILEAK
Output Leakage Current
VCC = 6.0 V
3.3
nA
ISC
Output Short−Circuit Sourcing or
Sinking
Vout = GND
70
mA
CMRR
Common Mode Rejection Ratio
VCM = VCC
53
65
dB
IIB
Input Bias Current
1.0
pA
PSRR
Power Supply Rejection Ratio
DVS = 2.575 V
45
55
dB
ICC
Supply Current
VCC = 0.85 V
TA = 25°C
TA = TLow to THigh (Note 5)
10
15
17
mA
VCC = 3.0 V
TA = 25°C
TA = TLow to THigh
10
15
17
VCC = 6.0 V
TA = 25°C
TA = TLow to THigh
10
15
17
VOH
Output Voltage High
VCC = 0.85 V, Isource = 0.5 mA
TA = 25°C
TA = TLow to THigh (Note 5)
VCC − 0.2
VCC − 0.225
VCC − 0.10
V
VCC = 3.0 V, Isource = 3.0 mA
TA = 25°C
TA = TLow to THigh
VCC − 0.2
VCC − 0.25
VCC − 0.12
VCC = 6.0 V, Isource = 5.0 mA
TA = 25°C
TA = TLow to THigh
VCC − 0.2
VCC − 0.25
VCC − 0.12
VOL
Output Voltage Low
VCC = 0.85 V, Isink = 0.5 mA
TA = 25°C
TA = TLow to THigh (Note 5)
VEE + 0.10
VEE + 0.2
VEE + 0.225
V
VCC = 3.0 V, Isink = 3.0 mA
TA = 25°C
TA = TLow to THigh
VEE + 0.12
VEE + 0.2
VEE + 0.25
VCC = 6.0 V, Isink = 5.0 mA
TA = 25°C
TA = TLow to THigh
VEE + 0.12
VEE + 0.2
VEE + 0.25
tPHL
Propagation Delay, High−to−Low
20 mV Overdrive, CL = 15 pF
1080
ns
tPLH
Propagation Delay, Low−to−High
20 mV Overdrive, CL = 15 pF
900
ns
tFALL
Output Fall Time
VCC = 6.0 V, CL = 50 pF
13
ns
tRISE
Output Rise Time
VCC = 6.0 V, CL = 50 pF
8.0
ns
tPU
Powerup Time
35
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. The limits over the extended temperature range are guaranteed by design only.
5. NCS2200: TLow = −40°C, THigh = +105°C; NCV2200: TLow = −40°C, THigh = +125°C


Similar Part No. - NCS2200SQ2T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2200SQ2T2G ONSEMI-NCS2200SQ2T2G Datasheet
128Kb / 19P
   Low Voltage Comparators
August, 2006 ??Rev. 8
NCS2200SQ2T2G ONSEMI-NCS2200SQ2T2G Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2200SQ2T2G ONSEMI-NCS2200SQ2T2G Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2200SQ2T2G ONSEMI-NCS2200SQ2T2G Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
More results

Similar Description - NCS2200SQ2T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV2200 ONSEMI-NCV2200 Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
   Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
NCS2200 ONSEMI-NCS2200_06 Datasheet
128Kb / 19P
   Low Voltage Comparators
August, 2006 ??Rev. 8
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
logo
Rohm
BU7251G ROHM-BU7251G Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com