Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2301 Datasheet(PDF) 7 Page - Rohm

Part # S2301
Description  N-channel SiC power MOSFET bare die
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

S2301 Datasheet(HTML) 7 Page - Rohm

Back Button S2301_16 Datasheet HTML 3Page - Rohm S2301_16 Datasheet HTML 4Page - Rohm S2301_16 Datasheet HTML 5Page - Rohm S2301_16 Datasheet HTML 6Page - Rohm S2301_16 Datasheet HTML 7Page - Rohm S2301_16 Datasheet HTML 8Page - Rohm S2301_16 Datasheet HTML 9Page - Rohm S2301_16 Datasheet HTML 10Page - Rohm S2301_16 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
S2301
lElectrical characteristic curves
Fig.9 Static Drain - Source On - State
Resistance vs. Gate - Source Voltage
Gate - Source Voltage : V
GS [V]
Fig.10 Static Drain - Source On - State
Resistance vs. Junction Temperature
Junction Temperature : T
j [ºC]
Fig.11 Static Drain - Source On - State
Resistance vs. Drain Current
Drain Current : I
D [A]
0
0.2
0.4
0.6
0.8
6
8
10
12
14
16
18
20
22
I
D = 10A
I
D = 20A
T
a = 25ºC
Pulsed
0
0.05
0.1
0.15
-50
0
50
100
150
V
GS = 18V
Pulsed
I
D = 10A
I
D = 20A
0.01
0.1
1
0.1
1
10
100
V
GS = 18V
Pulsed
T
a = 150ºC
T
a = 75ºC
T
a = 25ºC
T
a = -25ºC
7/11
2016.02 - Rev.C


Similar Part No. - S2301_16

ManufacturerPart #DatasheetDescription
logo
Rohm
S2301 ROHM-S2301 Datasheet
870Kb / 12P
   N-channel SiC power MOSFET bare die
More results

Similar Description - S2301_16

ManufacturerPart #DatasheetDescription
logo
Rohm
S2305 ROHM-S2305 Datasheet
795Kb / 12P
   N-channel SiC power MOSFET bare die
S4103 ROHM-S4103 Datasheet
665Kb / 13P
   N-channel SiC power MOSFET bare die
S4002 ROHM-S4002 Datasheet
664Kb / 13P
   N-channel SiC power MOSFET bare die
S2308 ROHM-S2308_16 Datasheet
947Kb / 13P
   N-channel SiC power MOSFET bare die
S4008 ROHM-S4008 Datasheet
672Kb / 13P
   N-channel SiC power MOSFET bare die
S4105 ROHM-S4105 Datasheet
674Kb / 13P
   N-channel SiC power MOSFET bare die
S2206 ROHM-S2206 Datasheet
884Kb / 12P
   N-channel SiC power MOSFET bare die
S4503 ROHM-S4503 Datasheet
1Mb / 13P
   N-channel SiC power MOSFET bare die
9.Feb.2022 - Rev.001
S2308 ROHM-S2308 Datasheet
731Kb / 12P
   N-channel SiC power MOSFET bare die
S2301 ROHM-S2301 Datasheet
870Kb / 12P
   N-channel SiC power MOSFET bare die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com