Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2409 Datasheet(PDF) 8 Page - Rohm

Part # S2409
Description  N-channel SiC power MOSFET bare die
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

S2409 Datasheet(HTML) 8 Page - Rohm

Back Button S2409 Datasheet HTML 4Page - Rohm S2409 Datasheet HTML 5Page - Rohm S2409 Datasheet HTML 6Page - Rohm S2409 Datasheet HTML 7Page - Rohm S2409 Datasheet HTML 8Page - Rohm S2409 Datasheet HTML 9Page - Rohm S2409 Datasheet HTML 10Page - Rohm S2409 Datasheet HTML 11Page - Rohm S2409 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Datasheet
S2409
lElectrical characteristic curves
Fig.12 Typical Capacitance
vs. Drain - Source Voltage
Drain - Source Voltage : V
DS [V]
Fig.13 Coss Stored Energy
Drain - Source Voltage : V
DS [V]
Fig.14 Switching Characteristics
Drain Current : I
D [A]
Fig.15 Dynamic Input Characteristics
Total Gate Charge : Q
g [nC]
0
5
10
15
20
25
30
0
200
400
600
800
T
a = 25ºC
1
10
100
1000
10000
0.1
1
10
100
1000
C
iss
C
oss
C
rss
T
a = 25ºC
f = 1MHz
V
GS = 0V
0
5
10
15
20
0
20
40
60
80
100
120
T
a = 25ºC
V
DD = 500V
I
D = 13A
Pulsed
1
10
100
1000
10000
0.1
1
10
100
t
d(on)
t
d(off)
T
a = 25ºC
V
DD = 500V
V
GS = 18V
R
G = 0W
Pulsed
t
r
t
f
8/11
2017.01 - Rev.A


Similar Part No. - S2409

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
S2401240P12NF LSTD-S2401240P12NF Datasheet
246Kb / 1P
   Industrial and educational campuses
S2401290P LSTD-S2401290P Datasheet
818Kb / 1P
   Tilt and articulating mounts available
S24012P LSTD-S24012P Datasheet
626Kb / 1P
   Articulating mount available
S24015P12NF LSTD-S24015P12NF Datasheet
567Kb / 1P
   Directional Panel Antenna
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
   Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
More results

Similar Description - S2409

ManufacturerPart #DatasheetDescription
logo
Rohm
S2305 ROHM-S2305 Datasheet
795Kb / 12P
   N-channel SiC power MOSFET bare die
S4103 ROHM-S4103 Datasheet
665Kb / 13P
   N-channel SiC power MOSFET bare die
S4002 ROHM-S4002 Datasheet
664Kb / 13P
   N-channel SiC power MOSFET bare die
S2301 ROHM-S2301_16 Datasheet
1,021Kb / 13P
   N-channel SiC power MOSFET bare die
S2308 ROHM-S2308_16 Datasheet
947Kb / 13P
   N-channel SiC power MOSFET bare die
S4008 ROHM-S4008 Datasheet
672Kb / 13P
   N-channel SiC power MOSFET bare die
S4105 ROHM-S4105 Datasheet
674Kb / 13P
   N-channel SiC power MOSFET bare die
S2206 ROHM-S2206 Datasheet
884Kb / 12P
   N-channel SiC power MOSFET bare die
S4503 ROHM-S4503 Datasheet
1Mb / 13P
   N-channel SiC power MOSFET bare die
9.Feb.2022 - Rev.001
S2308 ROHM-S2308 Datasheet
731Kb / 12P
   N-channel SiC power MOSFET bare die
S2301 ROHM-S2301 Datasheet
870Kb / 12P
   N-channel SiC power MOSFET bare die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com