Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCT3017AL Datasheet(PDF) 3 Page - Rohm

Part # SCT3017AL
Description  N-channel SiC power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCT3017AL Datasheet(HTML) 3 Page - Rohm

  SCT3017AL Datasheet HTML 1Page - Rohm SCT3017AL Datasheet HTML 2Page - Rohm SCT3017AL Datasheet HTML 3Page - Rohm SCT3017AL Datasheet HTML 4Page - Rohm SCT3017AL Datasheet HTML 5Page - Rohm SCT3017AL Datasheet HTML 6Page - Rohm SCT3017AL Datasheet HTML 7Page - Rohm SCT3017AL Datasheet HTML 8Page - Rohm SCT3017AL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Datasheet
SCT3017AL
*1 Limited only by maximum temperature allowed.
*2 PW
 10s, Duty cycle  1%
*3 Pulsed
Electrical characteristics (T
a = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
S
Input capacitance
Ciss
VGS = 0V
-
2884
-
pF
Output capacitance
Coss
Transconductance
gfs
*3
VDS = 10V, ID = 47A
-16-
VDS = 500V
-
148
-
Reverse transfer capacitance
Crss
f = 1MHz
-
65
-
pF
Turn - on delay time
td(on)
*3
VDD = 300V, ID = 18A
-30-
ns
Rise time
Effective output capacitance,
energy related
Co(er)
VGS = 0V
VDS = 0V to 300V
-
397
-
-
Fall time
tf
*3
RG = 0
-31-
tr
*3
VGS = 18V/0V
-44-
Turn - off delay time
td(off)
*3
RL = 17
-64
J
Turn - off switching loss
Eoff
*3
-
156
-
Turn - on switching loss
Eon
*3
VDD = 300V, ID=47A
VGS = 18V/0V
RG = 0 L=250H
*Eon includes diode
reverse recovery
-
369
-
-
172
-
Gate Charge characteristics (T
a = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
V
-70-
Gate plateau voltage
V(plateau)
VDD = 300V, ID = 47A
-
9.6
-
nC
Gate - Source charge
Qgs
*3
ID = 47A
-40-
Gate - Drain charge
Qgd
*3
VGS = 18V
Total gate charge
Qg
*3
VDD = 300V
3/12
2017.08 - Rev.C
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.


Similar Part No. - SCT3017AL

ManufacturerPart #DatasheetDescription
logo
Rohm
SCT3017ALHR ROHM-SCT3017ALHR Datasheet
952Kb / 13P
   Automotive Grade N-channel SiC power MOSFET
16.Nov.2018 - Rev.001
More results

Similar Description - SCT3017AL

ManufacturerPart #DatasheetDescription
logo
Rohm
SCTMU001F ROHM-SCTMU001F Datasheet
379Kb / 10P
   N-channel SiC power MOSFET
SCT2280KE ROHM-SCT2280KE Datasheet
787Kb / 14P
   N-channel SiC power MOSFET
SCT3030KL ROHM-SCT3030KL Datasheet
734Kb / 14P
   N-channel SiC power MOSFET
SCT3080AL ROHM-SCT3080AL Datasheet
736Kb / 14P
   N-channel SiC power MOSFET
SCTMU001F ROHM-SCTMU001F_17 Datasheet
732Kb / 10P
   N-channel SiC power MOSFET
SCT2080KE ROHM-SCT2080KE Datasheet
821Kb / 14P
   N-channel SiC power MOSFET
SCT2750NY ROHM-SCT2750NY Datasheet
840Kb / 14P
   N-channel SiC power MOSFET
SCT4013DE ROHM-SCT4013DE Datasheet
2Mb / 15P
   N-channel SiC power MOSFET
2.May.2022 - Rev.002
SCT3105KR ROHM-SCT3105KR Datasheet
945Kb / 13P
   N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
SCT4036KR ROHM-SCT4036KR Datasheet
1Mb / 15P
   N-channel SiC power MOSFET
21.Apr.2022 - Rev.002
SCT3080AR ROHM-SCT3080AR Datasheet
933Kb / 13P
   N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com