Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1313D24-A4T1U3 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-1313D24-A4T1U3
Description  SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1313D24-A4T1U3 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-1313D24-A4T1U3 Datasheet HTML 1Page - Seiko Instruments Inc S-1313D24-A4T1U3 Datasheet HTML 2Page - Seiko Instruments Inc S-1313D24-A4T1U3 Datasheet HTML 3Page - Seiko Instruments Inc S-1313D24-A4T1U3 Datasheet HTML 4Page - Seiko Instruments Inc S-1313D24-A4T1U3 Datasheet HTML 5Page - Seiko Instruments Inc S-1313D24-A4T1U3 Datasheet HTML 6Page - Seiko Instruments Inc S-1313D24-A4T1U3 Datasheet HTML 7Page - Seiko Instruments Inc S-1313D24-A4T1U3 Datasheet HTML 8Page - Seiko Instruments Inc S-1313D24-A4T1U3 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
S-1313 Series
www.sii-ic.com
SUPER LOW CURRENT CONSUMPTION
LOW DROPOUT CMOS VOLTAGE REGULATOR
© SII Semiconductor Corporation, 2011-2016
Rev.2.1_00
1
The S-1313 Series, developed by using the CMOS technology, is a positive voltage regulator IC which has the super low
current consumption and the low dropout voltage.
Current consumption is as low as 0.9
μA typ., and a ceramic capacitor of 0.1 μF or more can be used as the input and output
capacitors.
It also has high-accuracy output voltage of
±1.0%.
Features
• Output voltage:
1.0 V to 3.5 V, selectable in 0.05 V step.
• Input voltage:
1.5 V to 5.5 V
• Output voltage accuracy:
±1.0% (1.0 V to 1.45 V output product: ±15 mV)
• Dropout voltage:
170 mV typ. (2.8 V output product, IOUT = 100 mA)
• Current consumption:
During operation:
0.9
μA typ., 1.35 μA max.
During power-off:
0.01
μA typ., 0.1 μA max.
• Output current:
Possible to output 200 mA (VOUT(S)
≥ 1.4 V, VIN ≥ VOUT(S) + 1.0 V)
*1
• Input and output capacitors:
A ceramic capacitor of 0.1
μF or more can be used.
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Built-in thermal shutdown circuit:
Prevents damage caused by heat.
• Built-in ON / OFF circuit:
Ensures long battery life.
• Constant current source pull-down is selectable.
• Discharge shunt function is selectable.
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1. Attention should be paid to the power dissipation of the package when the output current is large.
Applications
• Constant-voltage power supply for portable communication device, digital camera, and digital audio player
• Constant-voltage power supply for battery-powered device
• Constant-voltage power supply for home electric / electronic appliance
Packages
• SOT-23-5
• SC-82AB
• HSNT-4 (1010)
• HSNT-4 (0808)


Similar Part No. - S-1313D24-A4T1U3

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1313D24-A4T1U3 ABLIC-S-1313D24-A4T1U3 Datasheet
825Kb / 56P
   5.5 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.2_00
More results

Similar Description - S-1313D24-A4T1U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1206 SII-S-1206 Datasheet
653Kb / 36P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1206 ABLIC-S-1206 Datasheet
566Kb / 35P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
Seiko Instruments Inc
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142A SII-S-1142A Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1212B SII-S1212B Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com