Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM40P04-20D Datasheet(PDF) 4 Page - Analog Power

Part # AM40P04-20D
Description  P-Channel 40-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM40P04-20D Datasheet(HTML) 4 Page - Analog Power

  AM40P04-20D Datasheet HTML 1Page - Analog Power AM40P04-20D Datasheet HTML 2Page - Analog Power AM40P04-20D Datasheet HTML 3Page - Analog Power AM40P04-20D Datasheet HTML 4Page - Analog Power AM40P04-20D Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AM40P04-20D
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM40P04-20_C
4
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RqJA = 125C/W
TA = 25C
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 , TIM E (s ec)
Rq J A(t) = r(t) + Rq J A
Rq J A = 1 2 5
oC/ W
TJ - TA = P * Rq J A(t )
Dut y Cycle, D = t1 / t2
P ( pk)
t 1
t 2
S INGLE P ULS E
0.01
0.02
0.05
0.1
0.2
D =0.5
Typical Electrical Characteristics
Source-Drain Diode Forward Voltage
On-Resistance with Gate to Source Voltage
Threshold Voltage
Figure 10. Single Pulse Maximum Power Dissipation
Normalized Thermal Transient Junction to Ambient
Figure 11. Transient Thermal Response Curve
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD - Source-to-Drain Voltage (V)
TA = 125
oC
25
oC
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
-50
-25
0
25
50
75
100
125
150
TJ - Temperature (
oC)
ID = -250µA
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0
2
4
6
8
10
VGS Gate to Source Voltage(V)
Id=10A


Similar Part No. - AM40P04-20D

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
   P-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM40P04-20DE-T1-PF VBSEMI-AM40P04-20DE-T1-PF Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

Similar Description - AM40P04-20D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4401DY-T1 VISHAY-SI4401DY-T1 Datasheet
250Kb / 8P
   P-Channel 40-V (D-S) MOSFET
Rev. D, 02-Mar-09
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
   P-Channel 40 V (D-S) MOSFET
Rev. A, 31-May-10
logo
Analog Power
AM3949P ANALOGPOWER-AM3949P Datasheet
184Kb / 3P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7611DN VISHAY-SI7611DN Datasheet
578Kb / 13P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Apr-08
logo
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
   P-Channel 40-V (D-S) MOSFET
AM90P04-03P ANALOGPOWER-AM90P04-03P Datasheet
60Kb / 2P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SUD50P04-40P VISHAY-SUD50P04-40P Datasheet
143Kb / 7P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Jan-08
logo
VBsemi Electronics Co.,...
15P04SC VBSEMI-15P04SC Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
9563GM VBSEMI-9563GM Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
AFP4637WS8RG VBSEMI-AFP4637WS8RG Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
FDS4685-NL VBSEMI-FDS4685-NL Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com