Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2852YMXA-2.5 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2852YMXA-2.5
Description  2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2852YMXA-2.5 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2852YMXA-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 9Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 10Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 11Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 12Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Applications Information (Continued)
TABLE 2. (LM2852Y Output Filter Inductors (500kHz)
Inductance (µH)
Part Number
Vendor
6.8
DO3316P-682
Coilcraft
7
MSS1038-702NBC
Coilcraft
10
DO3316P-103
Coilcraft
10
MSS1038-103NBC
Coilcraft
12
MSS1038-123NBC
Coilcraft
15
D03316P-153
Coilcraft
15
MSS1038-153NBC
Coilcraft
18
MSS1038-183NBC
Coilcraft
22
DO3316P-223
Coilcraft
22
MSS1038-223NBC
Coilcraft
22
DO3340P-223
Coilcraft
27
MSS1038-273NBC
Coilcraft
33
MSS1038-333NBC
Coilcraft
33
DO3340P-333
Coilcraft
OUTPUT FILTER CAPACITORS
The capacitors that may be used in the output filter with the
LM2852 are limited in value and ESR range according to
Table 1. Below are some examples of capacitors that can
typically be used in an LM2852 application.
TABLE 3. LM2852Y Output Filter Capacitors (500kHz)
Capacitance (µF)
Part Number
Chemistry
Vendor
68
595D686X_010C2T
Tantalum
Vishay - Sprague
68
595D686X_016D2T
Tantalum
Vishay - Sprague
100
595D017X_6R3C2T
Tantalum
Vishay - Sprague
100
595D107X_016D2T
Tantalum
Vishay - Sprague
100
NOSC107M004R0150
Niobium Oxide
AVX
100
NOSD107M006R0100
Niobium Oxide
AVX
120
595D127X_004C2T
Tantalum
Vishay - Sprague
120
595D127X_010D2T
Tantalum
Vishay - Sprague
150
595D157X_004C2T
Tantalum
Vishay - Sprague
150
595D157X_016D2T
Tantalum
Vishay - Sprague
150
NOSC157M004R0150
Niobium Oxide
AVX
150
NOSD157M006R0100
Niobium Oxide
AVX
220
595D227X_004D2T
Tantalum
Vishay - Sprague
220
NOSD227M004R0100
Niobium Oxide
AVX
220
NOSE227M006R0100
Niobium Oxide
AVX
www.national.com
10


Similar Part No. - LM2852YMXA-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2852YMXA-2.5 NSC-LM2852YMXA-2.5 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852YMXA-2.5 TI-LM2852YMXA-2.5 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852YMXA-2.5 TI1-LM2852YMXA-2.5 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
LM2852YMXA-2.5/NOPB TI1-LM2852YMXA-2.5/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
More results

Similar Description - LM2852YMXA-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852 TI-LM2852_15 Datasheet
976Kb / 22P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852YMXA-33 TI-LM2852YMXA-33 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1240 AOSMD-AOZ1240 Datasheet
794Kb / 15P
   EZBuck™ 2A Simple Buck Regulator
Rev. 1.3 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com