Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABB2516 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ABB2516
Description  50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABB2516 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ABB2516 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ABB2516 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ABB2516 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ABB2516 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABB2516 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABB2516 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABB2516 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABB2516 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
ASB Inc.
 sales@asb.co.kr
August 2017
ABB2516
3.2
Performance Table
Supply voltage = +5 V, TA = +25
C, ZO = 75 
Parameter
Typical
Unit
Frequency
50
500
1200
MHz
Noise Figure
2.5
2.6
2.8
dB
Gain
17.0
16.7
15.6
dB
S11
-15
-18
-20
dB
S22
-16
-17
-18
dB
Output IP31)
43
43
41
dBm
Output IP22)
65
dBm
Output P1dB
26
26
26
dBm
CSO
683)
dBc
CTB
623)
dBc
Current
280
mA
Device Voltage
+5
V
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 6 MHz.
2) OIP2 is measured with two tones (F1 = 400 MHz + F2 = 450 MHz) at an output power of +10 dBm/tone.
3) CSO & CTB measured at Pout = 102 dB
V flat for NTSC 77 channels.
*Note : Pout is 105 dB
V @ flat ch and 110 dBV @ 9 dB tilt for CENELEC 42 ch at CSO, CTB > 60 dBc.
3.3
Plot of S-parameter & Stability Factor
0
200
400
600
800
1000
1200
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0
1
2
3
4
5
6
7
8
9
10
S21
S12
S11
S22
K


Similar Part No. - ABB2516

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ABB2513 ASB-ABB2513 Datasheet
571Kb / 8P
   50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABB2518 ASB-ABB2518 Datasheet
577Kb / 8P
   5 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
More results

Similar Description - ABB2516

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ABB2513 ASB-ABB2513 Datasheet
571Kb / 8P
   50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABB2518 ASB-ABB2518 Datasheet
577Kb / 8P
   5 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABU2513 ASB-ABU2513 Datasheet
820Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
logo
M/A-COM Technology Solu...
MAAMSS0044 MA-COM-MAAMSS0044 Datasheet
210Kb / 5P
   Push Pull CATV Amplifier 50 - 1000 MHz
logo
Advanced Semiconductor ...
ABU2516 ASB-ABU2516 Datasheet
798Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABU2518 ASB-ABU2518 Datasheet
779Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ASL39D2 ASB-ASL39D2 Datasheet
2Mb / 29P
   1.2GHz CATV Push-pull Amplifier MMIC
July 2017
ASL920 ASB-ASL920 Datasheet
921Kb / 18P
   1.2GHz CATV Push-pull Amplifier MMIC
March 2017
ASL882 ASB-ASL882 Datasheet
874Kb / 16P
   1.2GHz CATV Push-pull Amplifier MMIC
March 2017
AWB31D7 ASB-AWB31D7_17 Datasheet
846Kb / 15P
   1.2GHz CATV Push-pull Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com