Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2852YMXA-3.3 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2852YMXA-3.3
Description  2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2852YMXA-3.3 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2852YMXA-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LM2852YMXA-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LM2852YMXA-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LM2852YMXA-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM2852YMXA-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM2852YMXA-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LM2852YMXA-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LM2852YMXA-3.3 Datasheet HTML 11Page - National Semiconductor (TI) LM2852YMXA-3.3 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Block Diagram
20127012
Applications Information
The LM2852 is a DC-DC buck converter belonging to Na-
tional Semiconductor’s SIMPLE SYNCHRONOUS® family.
Integration of the PWM controller, power switches and com-
pensation network greatly reduces the component count
required to implement a switching power supply. A typical
application requires only four components: an input capaci-
tor, a soft-start capacitor, an output filter capacitor and an
output filter inductor.
INPUT CAPACITOR (C
IN)
Fast switching of large currents in the buck converter places
a heavy demand on the voltage source supplying PVIN. The
input capacitor, C
IN, supplies extra charge when the switcher
needs to draw a burst of current from the supply. The RMS
current rating and the voltage rating of the C
IN capacitor are
therefore important in the selection of C
IN. The RMS current
specification can be approximated to be the load current
times the square root of the duty cycle:
where D is the duty cycle, V
OUT/VIN.CIN also provides
filtering of the supply. Trace resistance and inductance de-
grade the benefits of the input capacitor, so C
IN should be
placed very close to PVIN in the layout. A 22 µF or 47 µF
ceramic capacitor is typically sufficient for C
IN. In parallel
with the large input capacitance a smaller capacitor may be
added such as a 1µF ceramic for higher frequency filtering.
SOFT-START CAPACITOR (C
SS)
The DAC that sets the reference voltage of the error amp
sources a current through a resistor to set the reference
voltage. The reference voltage is one half of the output
voltage of the switcher due to the 200k
Ω divider connected
to the SNS pin. Upon start-up, the output voltage of the
switcher tracks the reference voltage with a two to one ratio
as the DAC current charges the capacitance connected to
the reference voltage node. Internal capacitance of 20pF is
permanently attached to the reference voltage node which is
also connected to the soft-start pin, SS. Adding a soft-start
capacitor externally increases the time it takes for the output
voltage to reach its final level.
The charging time required for the reference voltage can be
estimated using the RC time constant of the DAC resistor
and the capacitance connected to the SS pin. Three RC time
constant periods are needed for the reference voltage to
reach 95% of its final value. The actual start-up time will vary
with differences in the DAC resistance and higher-order
effects.
If little or no soft-start capacitance is connected, then the
start-up time may be determined by the time required for the
current limit current to charge the output filter capacitance.
The capacitor charging equationI=C
∆V/∆t can be used to
estimate the start-up time in this case. For example, a part
with a 3V output, a 100 µF output capacitance and a 3A
current limit threshold would require a time of 100 µs:
Since it is undesirable for the power supply to start up in
current limit, a soft-start capacitor must be chosen to force
the LM2852 to start up in a more controlled fashion based on
the charging of the soft-start capacitance. In this example,
supposea3ms start time is desired. Three time constants
are required for charging the soft-start capacitor to 95% of
the final reference voltage. So in this case RC=1ms. The
DAC resistor, R, is 400 k
Ω so C can be calculated to be
2.5nF. A 2.7nF ceramic capacitor can be chosen to yield
approximately a 3ms start-up time.
www.national.com
8


Similar Part No. - LM2852YMXA-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2852YMXA-3.3 NSC-LM2852YMXA-3.3 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852YMXA-3.3 TI-LM2852YMXA-3.3 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852YMXA-3.3 TI1-LM2852YMXA-3.3 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
LM2852YMXA-3.3/NOPB TI1-LM2852YMXA-3.3/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
More results

Similar Description - LM2852YMXA-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852 TI-LM2852_15 Datasheet
976Kb / 22P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852YMXA-33 TI-LM2852YMXA-33 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1240 AOSMD-AOZ1240 Datasheet
794Kb / 15P
   EZBuck™ 2A Simple Buck Regulator
Rev. 1.3 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com