Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1579 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1579
Description  Complete Bias and White LED Power Supplies for Small TFT Displays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1579 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1579 Datasheet HTML 3Page - Maxim Integrated Products MAX1579 Datasheet HTML 4Page - Maxim Integrated Products MAX1579 Datasheet HTML 5Page - Maxim Integrated Products MAX1579 Datasheet HTML 6Page - Maxim Integrated Products MAX1579 Datasheet HTML 7Page - Maxim Integrated Products MAX1579 Datasheet HTML 8Page - Maxim Integrated Products MAX1579 Datasheet HTML 9Page - Maxim Integrated Products MAX1579 Datasheet HTML 10Page - Maxim Integrated Products MAX1579 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Complete Bias and White LED Power Supplies
for Small TFT Displays
_______________________________________________________________________________________
7
PIN
NAME
FUNCTION
11
ONBIAS
Logic Input to Enable VDD, MAIN, POS, and NEG Charge Pumps. Drive ONBIAS high to enable all the
charge pumps. Connect to GND to disable the charge pumps.
12
GND
Ground. Connect to PGND and the exposed pad directly under the IC.
13
COMP
LED Driver Compensation. Connect a 0.1µF from COMP to GND. CCOMP stabilizes the driver and
sets the soft-start time.
14
CS
Current-Sense Feedback Input. Connect a resistor from CS to GND to set the LED current. For the
MAX1578, CS regulates to VCTRL / 5 or 0.327V, whichever is lower. For the MAX1579, CS regulates to
VCTRL / 5 or 0.340V, whichever is lower.
15
CTRL
LED Brightness Control Input. Connect CTRL to a 0.24V to 1.65V input to set the brightness of the
external LEDs. Hold CTRL below 100mV for more than 10.5ms, to shut down the LED driver. Drive CTRL
with a 200Hz to 200kHz unfiltered PWM dimming signal for DC LED current that is proportional to the
signal’s duty cycle.
16
OUT
Overvoltage Sense Input. The MAX1578/MAX1579 turn off the n-channel MOSFET when VOUT exceeds 34V.
Once VOUT drops below 32V, the IC re-enters soft-start. Bypass OUT to GND with a 0.1µF capacitor.
17
LX
Inductor Connection. Connect to the switched side of the external inductor as well as the anode of the
external diode. LX is high impedance during shutdown.
18
PGND
Power Ground. Connect to GND and the exposed pad directly under the IC.
19
C1N
Main Charge-Pump Transfer Capacitor Negative Connection 1. Connect a 2.2µF capacitor between
C1N and C1P.
20
C2N
Main Charge-Pump Transfer Capacitor Negative Connection 2. Connect a 2.2µF capacitor between
C2N and C2P.
21
IN
Power-Supply Input. Connect to a 2.7V to 5.5V input supply. Bypass IN to GND with a 4.7µF capacitor.
22
C2P
Main Charge-Pump Transfer Capacitor Positive Connection 2. Connect a 2.2µF capacitor between
C2P and C2N.
23
C1P
Main Charge-Pump Transfer Capacitor Positive Connection 1. Connect a 2.2µF capacitor between
C1P and C1N.
24
VDD
Regulated Main Charge-Pump Output. VDD is regulated to 5.5V. Bypass VDD to GND with a 4.7µF
capacitor. VDD is connected to IN when ONBIAS is pulled low.
EP
Exposed Paddle. Connect directly to a ground plane, GND, and PGND directly under the IC.
Pin Description (continued)


Similar Part No. - MAX1579

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1570ETE MAXIM-MAX1570ETE Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1572 MAXIM-MAX1572 Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
More results

Similar Description - MAX1579

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1578 MAXIM-MAX1578_V01 Datasheet
265Kb / 13P
   Complete Bias and White LED Power Supplies for Small TFT Displays
2005
logo
Linear Technology
LTC3450 LINER-LTC3450_15 Datasheet
196Kb / 12P
   Triple Output Power Supply for Small TFT-LCD Displays
LTC3450 LINER-LTC3450 Datasheet
401Kb / 12P
   Triple Output Power Supply for Small TFT-LCD Displays
logo
Diodes Incorporated
AP5727 DIODES-AP5727_11 Datasheet
239Kb / 10P
   BIAS POWER SUPPLY FOR OLED SUB DISPLAY AND TFT-LED
DS31887 Rev. 2 - 2
logo
Texas Instruments
LM3631 TI1-LM3631 Datasheet
1Mb / 57P
[Old version datasheet]   Complete LCD Backlight and Bias Power
logo
Maxim Integrated Produc...
MAX20070 MAXIM-MAX20070_V01 Datasheet
791Kb / 35P
   Integrated TFT Power Supplies and LED Backlight Drivers
2017
logo
Diodes Incorporated
AP5727 DIODES-AP5727 Datasheet
420Kb / 2P
   Boost converter for the bias voltage of small size OLED and LCD displays
logo
ETA SOLUTIONS CO. LIMIT...
ETA1617 ETA-ETA1617 Datasheet
160Kb / 1P
   40V Boost Converter for LED driver / TFT Bias / USB Power
logo
Shenzhen Huazhimei Semi...
HM5666B HMSEMI-HM5666B Datasheet
1Mb / 7P
   40V Boost Converter for LED driver / TFT Bias / USB Power
logo
Texas Instruments
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com