Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3725 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3725
Description  3.2Gbps SFP Transimpedance Amplifiers with RSSI
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3725 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3725 Datasheet HTML 2Page - Maxim Integrated Products MAX3725 Datasheet HTML 3Page - Maxim Integrated Products MAX3725 Datasheet HTML 4Page - Maxim Integrated Products MAX3725 Datasheet HTML 5Page - Maxim Integrated Products MAX3725 Datasheet HTML 6Page - Maxim Integrated Products MAX3725 Datasheet HTML 7Page - Maxim Integrated Products MAX3725 Datasheet HTML 8Page - Maxim Integrated Products MAX3725 Datasheet HTML 9Page - Maxim Integrated Products MAX3725 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
3.2Gbps SFP Transimpedance
Amplifiers with RSSI
_______________________________________________________________________________________
7
Voltage Amplifier Stage
The voltage amplifier stage provides gain and converts
the single-ended input to differential outputs.
DC Cancellation Circuit
The DC cancellation circuit uses low-frequency feed-
back to remove the DC component of the input signal
(Figure 3). This feature centers the input signal within
the transimpedance amplifier’s linear range, thereby
reducing pulse-width distortion caused by large input
signals. The DC cancellation circuit is internally com-
pensated and therefore does not require external
capacitors.
Output Buffer
The output buffer provides a reverse-terminated voltage
output. The buffer is designed to drive a 100Ω differential
load between OUT+ and OUT-. The MAX3724 must be
DC-coupled to the MAX3748A. See Figures 4 and 5.
For optimum supply-noise rejection, the MAX3725
should be terminated with a matched load. If a single-
ended output is required, the unused output should be
terminated to a 50Ω resistor to VCC. The MAX3725
does not drive a DC-coupled, 50Ω grounded load;
however, it does drive a compatible 50Ω CML input.
Signal-Strength Indicator
The MAX3724 produces a signal proportional to the
average photodiode current. This is added to the com-
mon mode of the data outputs OUT+ and OUT-. This
signal is intended for use with the MAX3748A to pro-
vide a ground-referenced RSSI voltage.
Applications Information
Signal-Strength Indicator
The SFF-8472 digital diagnostic specification requires
monitoring of input receive power. The MAX3748A and
MAX3724 receiver chipset allows for the monitoring of
the average receive power by measuring the average
DC current of the photodiode.
AMPLITUDE
OUTPUT (LARGE SIGNALS)
TIME
OUTPUT (SMALL SIGNALS)
AMPLITUDE
INPUT FROM PHOTODIODE
TIME
INPUT AFTER DC CANCELLATION
Figure 2. MAX3724/MAX3725 Limited Output
Figure 3. DC Cancellation Effect on Input
OUT+
OUT-
50Ω
50Ω
VCC
OUT+
OUT-
100Ω
VCC
Figure 4. Equivalent Output MAX3724
Figure 5. Equivalent Output MAX3725


Similar Part No. - MAX3725

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3701 MAXIM-MAX3701 Datasheet
646Kb / 12P
   2x Blue Laser Driver with Sample and Hold
MAX3701CTJ MAXIM-MAX3701CTJ Datasheet
646Kb / 12P
   2x Blue Laser Driver with Sample and Hold
MAX3710 MAXIM-MAX3710 Datasheet
3Mb / 58P
   125Mbps to 2.5Gbps Integrated Limiting Amplifier/Burst Mode Laser Driver with Dual-Loop Power Control
Rev 0; 8/11
MAX3710ETG++ MAXIM-MAX3710ETG+ Datasheet
3Mb / 58P
   125Mbps to 2.5Gbps Integrated Limiting Amplifier/Burst Mode Laser Driver with Dual-Loop Power Control
Rev 0; 8/11
MAX3711 MAXIM-MAX3711 Datasheet
2Mb / 54P
   125Mbps to 3.125Gbps Integrated Limiting Amplifier/Laser Driver with Dual-Loop Power Control
Rev 0; 9/11
More results

Similar Description - MAX3725

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3744 MAXIM-MAX3744 Datasheet
372Kb / 10P
   2.7Gbps SFP Transimpedance Amplifiers with RSSI
Rev 1; 8/03
logo
Texas Instruments
ONET9901TA TI-ONET9901TA Datasheet
417Kb / 13P
[Old version datasheet]   10.7-GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET2511TA TI1-ONET2511TA Datasheet
455Kb / 12P
[Old version datasheet]   2.5 GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET8531T TI1-ONET8531T_17 Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8521T TI1-ONET8521T Datasheet
498Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com