Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1579ETG Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1579ETG
Description  Complete Bias and White LED Power Supplies for Small TFT Displays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1579ETG Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1579ETG Datasheet HTML 1Page - Maxim Integrated Products MAX1579ETG Datasheet HTML 2Page - Maxim Integrated Products MAX1579ETG Datasheet HTML 3Page - Maxim Integrated Products MAX1579ETG Datasheet HTML 4Page - Maxim Integrated Products MAX1579ETG Datasheet HTML 5Page - Maxim Integrated Products MAX1579ETG Datasheet HTML 6Page - Maxim Integrated Products MAX1579ETG Datasheet HTML 7Page - Maxim Integrated Products MAX1579ETG Datasheet HTML 8Page - Maxim Integrated Products MAX1579ETG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Typical Operating Characteristics (continued)
(Circuit of Figure 3, VIN = 3.6V, ILED = 20mA, 4 LEDs, CTRL = IN, TA = +25
°C, unless otherwise noted.)
Complete Bias and White LED Power Supplies
for Small TFT Displays
_______________________________________________________________________________________
5
PWM-DIMMING WAVEFORMS
VCTRL
IIN
VOUT
AC-COUPLED
VIN
AC-COUPLED
2V/div
50mV/div
20mA/div
20mV/div
40
µs/div
0
400
200
800
600
1200
1000
1400
02
3
14
5
LCD BIAS SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
VCTRL = 0V
LCD BIAS STARTUP SEQUENCE
VONBIAS
VPOS
VNEG
VMAIN
5V/div
5V/div
10V/div
5V/div
10ms/div
BOOST STARTUP AND
SHUTDOWN WAVEFORMS
VCTRL
IIN
VOUT
VIN
AC-COUPLED
2V/div
5V/div
0V
100mA/div
20mV/div
4ms/div
0
5
10
15
20
25
040 50
20 30
10
60 70 80 90 100
LED CURRENT vs.
DIRECT-PWM DUTY CYCLE
PWM DUTY CYCLE (%)
fPWM = 200Hz TO 200kHz
BOOST-SWITCHING WAVEFORMS
VIN
AC-COUPLED
VLX
VOUT
AC-COUPLED
20mV/div
10V/div
200mV/div
400ns/div


Similar Part No. - MAX1579ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1570ETE MAXIM-MAX1570ETE Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1572 MAXIM-MAX1572 Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
More results

Similar Description - MAX1579ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1578 MAXIM-MAX1578_V01 Datasheet
265Kb / 13P
   Complete Bias and White LED Power Supplies for Small TFT Displays
2005
logo
Linear Technology
LTC3450 LINER-LTC3450_15 Datasheet
196Kb / 12P
   Triple Output Power Supply for Small TFT-LCD Displays
LTC3450 LINER-LTC3450 Datasheet
401Kb / 12P
   Triple Output Power Supply for Small TFT-LCD Displays
logo
Diodes Incorporated
AP5727 DIODES-AP5727_11 Datasheet
239Kb / 10P
   BIAS POWER SUPPLY FOR OLED SUB DISPLAY AND TFT-LED
DS31887 Rev. 2 - 2
logo
Texas Instruments
LM3631 TI1-LM3631 Datasheet
1Mb / 57P
[Old version datasheet]   Complete LCD Backlight and Bias Power
logo
Maxim Integrated Produc...
MAX20070 MAXIM-MAX20070_V01 Datasheet
791Kb / 35P
   Integrated TFT Power Supplies and LED Backlight Drivers
2017
logo
Diodes Incorporated
AP5727 DIODES-AP5727 Datasheet
420Kb / 2P
   Boost converter for the bias voltage of small size OLED and LCD displays
logo
ETA SOLUTIONS CO. LIMIT...
ETA1617 ETA-ETA1617 Datasheet
160Kb / 1P
   40V Boost Converter for LED driver / TFT Bias / USB Power
logo
Shenzhen Huazhimei Semi...
HM5666B HMSEMI-HM5666B Datasheet
1Mb / 7P
   40V Boost Converter for LED driver / TFT Bias / USB Power
logo
Texas Instruments
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com