Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPFE480D25R Datasheet(PDF) 3 Page - Crydom Inc.,

Part # SPFE480D25R
Description  SPF Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

SPFE480D25R Datasheet(HTML) 3 Page - Crydom Inc.,

  SPFE480D25R Datasheet HTML 1Page - Crydom Inc., SPFE480D25R Datasheet HTML 2Page - Crydom Inc., SPFE480D25R Datasheet HTML 3Page - Crydom Inc., SPFE480D25R Datasheet HTML 4Page - Crydom Inc., SPFE480D25R Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DataSheet
PCB Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
THERMAL DERATE INFORMATION
10
8
6
4
2
0
10
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
Figure 1 Convection Cooling
Figure 2 Forced Air Cooling
25
20
15
10
5
0
20
40
60
80
100
120
0
Heatsink Temperature (ºC)
140
AGENCY APPROVALS
E116950
Rev. 091015
MECHANICAL SPECIFICATIONS
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in: inches [millimeters]
4 3
2
1
.040 [1.0] DIA
( 4 PLACES)
0.70
[17.7]
0.20
[5.0]
1.10
[27.9]
1.70
[43.1]
1.35
[34.2]
0.05
[1.27]
1.60
[40.6]
0.72
[18.2]
0.90
[22.8]
0.30
[7.62]


Similar Part No. - SPFE480D25R

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
SPFE480D25R CRYDOM-SPFE480D25R Datasheet
625Kb / 5P
   PCB Mount
More results

Similar Description - SPFE480D25R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPF LITTELFUSE-SPF Datasheet
462Kb / 6P
   SPF SERIES SOLAR FUSES
Rev: 113021
logo
PHOENIX CONTACT
2981457 PHOENIX-2981457 Datasheet
82Kb / 5P
   Coupling relay - PSR-SPF-24UC/URM/4X1/2X2
logo
Kemet Corporation
SPF-100-1R1A010 KEMET-SPF-100-1R1A010 Datasheet
81Kb / 1P
   KEMET, SPF, DC Line Filters, Common Mode, 1000 nH
logo
Pasternack Enterprises,...
PE3C6374-200CM PASTERNACK-PE3C6374-200CM Datasheet
853Kb / 6P
   Fire Rated N Male to N Male Low PIM Cable 200 cm Length Using SPF-500 Coax Using Times Microwave Parts
REV 1.1
PE3C6360-150CM PASTERNACK-PE3C6360-150CM Datasheet
751Kb / 5P
   Fire Rated N Male to N Male Low PIM Cable 150 cm Length Using SPF-250 Coax Using Times Microwave Parts
REV 1.2
PE3C6357-36 PASTERNACK-PE3C6357-36 Datasheet
735Kb / 5P
   Fire Rated 7/16 DIN Male to N Male Low PIM Cable 36 Inch Length Using SPF-250 Coax Using Times Microwave Parts
REV 1.2
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com