Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXT3906 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # PXT3906
Description  SOT-89-3L Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

PXT3906 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  PXT3906 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd PXT3906 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd PXT3906 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd PXT3906 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-0.1
-1
-10
-100
0
100
200
300
-10
-100
-10
-100
-0.1
-1
-10
9
-1
-10
1000
0
25
50
75
100
125
150
0
100
200
300
400
500
600
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-0.1
-1
-10
-100
-1
-10
-100
-0.0
-0.4
-0.8
-1.2
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-0
-3
-6
-9
-12
-15
-18
-200
f
T
——
I
C
h
FE
——
COMMON EMITTER
V
CE=-1V
-3
-30
-0.3
Ta=100℃
Ta=25℃
COLLECTOR CURRENT I
C
(mA)
I
C
-30
-300
-30
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=25
T
a=100
I
C
V
CEsat
——
-600
-200
1
3
-3
-0.3
-20
C
ob
C
ib
REVERSE VOLTAGE V (V)
f=1MHz
I
E=0/IC=0
T
a=25
V
CB
/ V
EB
C
ob
/ C
ib
——
300
100
-3
-30
-80
V
CE=-20V
T
a=25
COLLECTOR CURRENT I
C
(mA)
AMBIENT TEMPERATURE Ta ( )
Pc
——
Ta
-200
V
BE
I
C
——
-30
-3
-0.3
T
a=25
T
a=100
COMMON EMITTER
V
CE=-1V
BASE-EMMITER VOLTAGE V
BE (V)
-30
-3
β=10
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
-200
I
C
V
BEsat
——
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-80uA
-72uA
-64uA
-56uA
-48uA
-40uA
-32uA
-24uA
-16uA
I
B=-8uA
COMMON
EMITTER
T
a=25
www.cj-elec.com
2
B,Jun,2015
Typical Characteristics


Similar Part No. - PXT3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXT3906 PHILIPS-PXT3906 Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 14
logo
Guangdong Kexin Industr...
PXT3906 KEXIN-PXT3906 Datasheet
59Kb / 2P
   PNP Switching Transistor
logo
Micro Commercial Compon...
PXT3906 MCC-PXT3906 Datasheet
414Kb / 3P
   PNP General Purpose Amplifier
logo
Shenzhen Jin Yu Semicon...
PXT3906 HTSEMI-PXT3906 Datasheet
441Kb / 2P
   TRANSISTOR(PNP)
logo
Galaxy Semi-Conductor H...
PXT3906 BILIN-PXT3906 Datasheet
167Kb / 4P
   PNP Switching Transistor
More results

Similar Description - PXT3906

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC5785 JIANGSU-2SC5785 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
2SD1766 JIANGSU-2SD1766 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SA1013 JIANGSU-2SA1013 Datasheet
11Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX54 JIANGSU-BCX54 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX69 JIANGSU-BCX69 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
D882H JIANGSU-D882H Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX55 JIANGSU-BCX55 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BSR33 JIANGSU-BSR33 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com