Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT3906 Datasheet(PDF) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # PZT3906
Description  S OT-223 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

PZT3906 Datasheet(HTML) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  PZT3906 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT3906 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT3906 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT3906 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Trailer Tape
Leader Tape
51±1 Empty Pockets
51±1 Empty Pockets
Components
SOT-223 Embossed Carrier Tape
SOT-223 Tape Leader and Trailer
SOT-223 Reel
Pkg type
SOT-223
Dimensions are in millimeter
A
B
C
d
E
F
P0
P
P1
W
6.765
7.335
1.88
Ø1.50
1.75
5.50
4.00
8.00
2.00
12.00
Packaging Description:
SOT-223 parts are shipped in tape. The carrier
tape is made from a dissipative (carbon filled)
polycarbonate resin. The cover tape is a multilayer
film (Heat Activated Adhesive in nature) primarily
composed of polyester film, adhesive layer, sealant,
and anti-static sprayed agent. These reeled parts in
standard option are shipped with 2,500 units per 13"
or 33.0cm diameter reel. The reels are clear in color
and is made of polystyrene plastic (anti-static
coated).
P
P0
P1
A
A
A
A
A-A
C
A
REEL
Reel Size
Box
Box Size(mm)
Carton
Carton Size(mm)
G.W.(kg)
2,500 pcs
13 inch
2,500 pcs
336×336×48
20,000 pcs
445×355×365
D
W1
W2
Reel Option
13''Dia
Dimensions are in millimeter
D
D1
D2
G
H
I
W1
W2
Ø330.00
100.00
13.00
R151.00
R56.00
R6.50
12.40
17.60
I
SOT-223 Tape and Reel
www.cj-elec.com
4
D,Jan,2017


Similar Part No. - PZT3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZT3906 PHILIPS-PZT3906 Datasheet
48Kb / 8P
   PNP switching transistor
1999 Apr 14
logo
STMicroelectronics
PZT3906 STMICROELECTRONICS-PZT3906 Datasheet
46Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Siemens Semiconductor G...
PZT3906 SIEMENS-PZT3906 Datasheet
119Kb / 5P
   PNP Silicon Switching Transistor
logo
Fairchild Semiconductor
PZT3906 FAIRCHILD-PZT3906 Datasheet
49Kb / 6P
   PNP General Purpose Amplifier
PZT3906 FAIRCHILD-PZT3906 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
More results

Similar Description - PZT3906

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
PZT3904 JIANGSU-PZT3904 Datasheet
1Mb / 4P
   S OT-223 Plastic-Encapsulate Transistors
PZTA06 JIANGSU-PZTA06 Datasheet
1Mb / 4P
   S OT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
S8050 DGNJDZ-S8050 Datasheet
793Kb / 2P
   S OT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
KTC4376 JIANGSU-KTC4376 Datasheet
1Mb / 4P
   S OT-89-3L Plastic-Encapsulate Transistors
KTD1302 JIANGSU-KTD1302 Datasheet
1Mb / 3P
   S OT-89-3L Plastic-Encapsulate Transistors
PZT2907A JIANGSU-PZT2907A Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
PZT3906 DGNJDZ-PZT3906 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZT4403 DGNJDZ-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA56 DGNJDZ-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com