Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT3906 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # PZT3906
Description  S OT-223 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

PZT3906 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  PZT3906 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT3906 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT3906 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT3906 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-223 Plastic-Encapsulate Transistors
PZT3906
TRANSISTOR (PNP)
FEATURES
Low Voltage and Low Current
Complementary to PZT3904
General Purpose Amplifier and Switch Application
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO*
IC=-0.01mA,IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO*
IC=-1mA,IB=0
-40
V
Emitter-base breakdown voltage
V(BR)EBO*
IE=0.01mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-30V,IE=0
-50
nA
Collector cut-off current
ICEO
VCE=-30V, IC=0
-500
nA
hFE(1)*
VCE=-1V, IC=-0.1mA
60
hFE(2)
VCE=-1V, IC=-1mA
80
hFE(3)
VCE=-1V, IC=-10mA
100
300
DC current gain
hFE(4)
VCE=-1V, IC=-50mA
60
IC=-10mA,IB=-1mA
-0.25
V
Collector-emitter saturation voltage
VCE(sat)*
IC=-50mA,IB=-5mA
-0.4
V
IC=-10mA,IB=-1mA
-0.65
-0.85
V
Base-emitter saturation voltage
VBE(sat)*
IC=-50mA,IB=-5mA
-0.95
V
Transition frequency
fT
VCE=-20V,IC=-10mA, f=100MHz
250
MHz
Collector output capacitance
Cob
VCB=-5V, IE=0, f=1MHz
4.5
pF
Emitter input capacitance
Cib
VBE=-0.5V, IC=0, f=1MHz
10
pF
Delay time
td
35
Rise time
tr
VCC=-3V, VBE(off)=-0.5V IC=-10mA,
IB1= -IB2=-1mA
35
ns
Storage time
ts
225
Fall time
tf
VCC=-3V, IC=-10mA,
IB1=-IB2=-1mA
75
ns
*Pulse test: pulse width ≤300μs, duty cycle≤ 2.0%.
VCBO
Collector-Base Voltag
e
-40
V
VCEO
Collector-Emitter Voltage
-40
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-200
mA
PC
Collector Power Dissipation
1
W
RθJA
Thermal Resistance From Junction To Ambient
125
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
SOT-223
1. BASE
2. COLLECTOR
3. EMITTER
Collector cut-off current
ICEX
VCE=-30V,
VBE(off)=-3V
-50
nA
Symbol
Parameter
Value
Unit
JC T
www.cj-elec.c
om
1
A,Jun,4
www.cj-elec.com
D,Jan,2017


Similar Part No. - PZT3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZT3906 PHILIPS-PZT3906 Datasheet
48Kb / 8P
   PNP switching transistor
1999 Apr 14
logo
STMicroelectronics
PZT3906 STMICROELECTRONICS-PZT3906 Datasheet
46Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Siemens Semiconductor G...
PZT3906 SIEMENS-PZT3906 Datasheet
119Kb / 5P
   PNP Silicon Switching Transistor
logo
Fairchild Semiconductor
PZT3906 FAIRCHILD-PZT3906 Datasheet
49Kb / 6P
   PNP General Purpose Amplifier
PZT3906 FAIRCHILD-PZT3906 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
More results

Similar Description - PZT3906

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
PZT3904 JIANGSU-PZT3904 Datasheet
1Mb / 4P
   S OT-223 Plastic-Encapsulate Transistors
PZTA06 JIANGSU-PZTA06 Datasheet
1Mb / 4P
   S OT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
S8050 DGNJDZ-S8050 Datasheet
793Kb / 2P
   S OT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
KTC4376 JIANGSU-KTC4376 Datasheet
1Mb / 4P
   S OT-89-3L Plastic-Encapsulate Transistors
KTD1302 JIANGSU-KTD1302 Datasheet
1Mb / 3P
   S OT-89-3L Plastic-Encapsulate Transistors
PZT2907A JIANGSU-PZT2907A Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
PZT3906 DGNJDZ-PZT3906 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZT4403 DGNJDZ-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA56 DGNJDZ-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com