Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA124 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # STA124
Description  TO-92 Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

STA124 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  STA124 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd STA124 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd STA124 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO – 92
1.EMITTER
2.COLLECTOR
3.BASE
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
STA124 TRANSISTOR (PNP)
FEATURES
Suitable For low Voltage Large Current Drivers
High DC Current Gain and Large Current Capability
Complementary Pair with STC128
Maximum Ratings (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-15
V
VCEO
Collector-Emitter Voltage
-12
V
VEBO
Emitter-Base Voltage
-6.5
V
IC
Collector Current
-1
A
PC
Collector Power Dissipation
625
mW
RΘJA
Thermal Resistance From Junction To Ambient
200
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-50μA, IE=0
-15
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA, IB=0
-12
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-50μA, IC=0
-6.5
V
Collector cut-off current
ICBO
VCB=-15V, IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-6V, IC=0
-0.1
μA
DC current gain
hFE
VCE=-1V, IC=-100mA
200
450
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
-0.4
V
Transition frequency
fT
VCE=-5V,IC=-50mA
260
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
5
pF
www.cj-elec.com
1
C,Dec,2015


Similar Part No. - STA124

ManufacturerPart #DatasheetDescription
logo
AUK corp
STA124 AUK-STA124 Datasheet
124Kb / 3P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
STA124 KODENSHI-STA124 Datasheet
187Kb / 4P
   PNP Silicon Transistor
logo
Nanjing International G...
STA124 DGNJDZ-STA124 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
STA124-TA DGNJDZ-STA124-TA Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
AUK corp
STA124M AUK-STA124M Datasheet
116Kb / 3P
   PNP Silicon Transistor
More results

Similar Description - STA124

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com