Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP32C Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # TIP32C
Description  TO-220-3L Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

TIP32C Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  TIP32C Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd TIP32C Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd TIP32C Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO-220-3L
1. BASE
2. COLLECTOR
3. EMITTER
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220-3L Plastic-Encapsulate Transistors
TIP32/32A/32B/32C TRANSISTOR (PNP)
FEATURES
Medium Power Linear Switching Applications
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
TIP32
TIP32A
TIP32B
TIP32C
V(BR)CBO
IC= -1mA, IE=0
-40
-60
-80
-100
V
Collector-emitter breakdown voltage *
TIP32
TIP32A
TIP32B
TIP32C
VCEO(sus)
IC= -30mA, IB=0
-40
-60
-80
-100
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -1mA, IC=0
-5
V
Collector cut-off current
TIP32
TIP32A
TIP32B
TIP32C
ICBO
VCB=-40V,IE=0
VCB=-60V, IE=0
VCB=-80V, IE=0
VCB=-100V, IE=0
-200
μA
Collector cut-off current
TIP32/32A
TIP32B/32C
ICEO
VCE= -30V, IB= 0
VCE= -60V, IB= 0
-0.3
mA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-1
mA
hFE(1)
VCE= -4V, IC=-1A
25
DC current gain
hFE(2)
VCE=-4 V, IC=-3A
1
5
75
Collector-emitter saturation voltage
VCE(sat)
IC=-3A, IB=-0.375A
-1.2
V
Base-emitter voltage
VBE(on)
VCE=-4V, IC=-3A
-1.8
V
Transition frequency
fT
VCE=-10V , IC=-0.5A
3
MH
z
* Pulse Test: PW≤300µs, Duty Cycle≤2%
.
Symbol
Parameter
TIP32
TIP32A
TIP32B
TIP32C
Unit
VCBO
Collector-Base Voltage
-40
-60
-80
-100
V
VCEO
Collector-Emitter Voltage
-40
-60
-80
-100
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-3
A
PC
Collector Power Dissipation
2
W
RθJA
Thermal Resistance from Junction to Ambient
62.5
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
D,Nov,2014


Similar Part No. - TIP32C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP32C MOSPEC-TIP32C Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
logo
Savantic, Inc.
TIP32C SAVANTIC-TIP32C Datasheet
130Kb / 4P
   Silicon PNP Power Transistors
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C Datasheet
167Kb / 8P
   Power transistor
logo
SeCoS Halbleitertechnol...
TIP32C SECOS-TIP32C Datasheet
349Kb / 3P
   PNP Plastic-Encapsulate Transistor
logo
Motorola, Inc
TIP32C MOTOROLA-TIP32C Datasheet
196Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
More results

Similar Description - TIP32C

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
TIP127 DGNJDZ-TIP127 Datasheet
1Mb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB507 JIANGSU-2SB507 Datasheet
361Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SB861 JIANGSU-2SB861 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 JIANGSU-2SB1185 Datasheet
549Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SA1012 JIANGSU-2SA1012 Datasheet
3Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
TIP42 JIANGSU-TIP42 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD2137 JIANGSU-2SD2137 Datasheet
624Kb / 2P
   TO-220 -3L Plastic-Encapsulate Transistors
2SD2137A JIANGSU-2SD2137A Datasheet
570Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2073 DGNJDZ-2SC2073 Datasheet
1,013Kb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD1762 DGNJDZ-2SD1762 Datasheet
1Mb / 4P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 DGNJDZ-2SB1185 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com