Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS048ADR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS048ADR
Description  LVDS QUAD DIFFERENTIAL LINE RECEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS048ADR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS048ADR Datasheet HTML 3Page - Texas Instruments SN65LVDS048ADR Datasheet HTML 4Page - Texas Instruments SN65LVDS048ADR Datasheet HTML 5Page - Texas Instruments SN65LVDS048ADR Datasheet HTML 6Page - Texas Instruments SN65LVDS048ADR Datasheet HTML 7Page - Texas Instruments SN65LVDS048ADR Datasheet HTML 8Page - Texas Instruments SN65LVDS048ADR Datasheet HTML 9Page - Texas Instruments SN65LVDS048ADR Datasheet HTML 10Page - Texas Instruments SN65LVDS048ADR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SN65LVDS048A
LVDS QUAD DIFFERENTIAL LINE RECEIVER
SLLS451B– SEPTEMBER 2000 – REVISED SEPTEMBER 2002
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
2.8
3
3.2
3.4
3.6
3
3.3
3.6
OUTPUT HIGH VOLTAGE
vs
POWER SUPPLY VOLTAGE
VCC – Power Supply Voltage – V
TA = 25°C
VID = 200 mV
Figure 6
52
53
54
55
56
57
3
3.3
3.6
TA = 25°C
VID = 200 mV
OUTPUT LOW VOLTAGE
vs
POWER SUPPLY VOLTAGE
VCC – Power Supply Voltage – V
Figure 7
–80
–76
–72
–68
–64
–60
–56
3
3.3
3.6
OUTPUT SHORT CIRCUIT CURRENT
vs
POWER SUPPLY VOLTAGE
VCC – Power Supply Voltage – V
TA = 25°C
VO = 0 V
Figure 8
0
10
20
30
40
50
3
3.3
3.6
DIFFERENTIAL TRANSITION VOLTAGE
vs
POWER SUPPLY VOLTAGE
VCC – Power Supply Voltage – V
TA = 25°C


Similar Part No. - SN65LVDS048ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS048ADR TI-SN65LVDS048ADR Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048ADRG4 TI-SN65LVDS048ADRG4 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SN65LVDS048ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048 TI-SN65LVDS048 Datasheet
198Kb / 1P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B_03 Datasheet
193Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com