Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGCL80TK60D Datasheet(PDF) 4 Page - Rohm

Part # RGCL80TK60D
Description  600V 40A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGCL80TK60D Datasheet(HTML) 4 Page - Rohm

  RGCL80TK60D Datasheet HTML 1Page - Rohm RGCL80TK60D Datasheet HTML 2Page - Rohm RGCL80TK60D Datasheet HTML 3Page - Rohm RGCL80TK60D Datasheet HTML 4Page - Rohm RGCL80TK60D Datasheet HTML 5Page - Rohm RGCL80TK60D Datasheet HTML 6Page - Rohm RGCL80TK60D Datasheet HTML 7Page - Rohm RGCL80TK60D Datasheet HTML 8Page - Rohm RGCL80TK60D Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGCL80TK60D
lFRD Electrical Characteristics (at T
j = 25°C unless otherwise specified)
ns
A
μC
μJ
ns
-
256
-
-
A
10.4
-
0.20
-
-
7.4
-
Irr
Diode Reverse Recovery Time
Diode Peak Reverse Recovery
Current
Diode Reverse Recovery
Charge
Diode Reverse Recovery Energy
Diode Reverse Recovery Time
Diode Peak Reverse Recovery
Current
trr
Irr
Qrr
Err
trr
Diode Reverse Recovery Energy
Err
μJ
-
146.5
-
Diode Reverse Recovery
Charge
Qrr
μC
Tj = 175°C
diF/dt = 200A/μs
-
1.35
-
IF = 20A
VCC = 400V
-
diF/dt = 200A/μs
Tj = 25°C
VCC = 400V
-
IF = 20A
-
1.25
-
-
58
-
6.3
-
Diode Forward Voltage
V
Tj = 25°C
-
1.45
1.9
Tj = 175°C
IF = 20A
VF
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
4/11
2016.01 - Rev.A


Similar Part No. - RGCL80TK60D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGCL80TK60 ROHM-RGCL80TK60 Datasheet
763Kb / 11P
   600V 40A Field Stop Trench IGBT
More results

Similar Description - RGCL80TK60D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGCL80TS60 ROHM-RGCL80TS60 Datasheet
755Kb / 11P
   600V 40A Field Stop Trench IGBT
RGCL80TS60D ROHM-RGCL80TS60D Datasheet
907Kb / 13P
   600V 40A Field Stop Trench IGBT
RGCL80TK60 ROHM-RGCL80TK60 Datasheet
763Kb / 11P
   600V 40A Field Stop Trench IGBT
logo
Fairchild Semiconductor
FGH40N60SF FAIRCHILD-FGH40N60SF Datasheet
683Kb / 8P
   600V, 40A Field Stop IGBT
FGH40N60UF FAIRCHILD-FGH40N60UF Datasheet
710Kb / 8P
   600V, 40A Field Stop IGBT
FGH40N60SMDF FAIRCHILD-FGH40N60SMDF Datasheet
357Kb / 10P
   600V, 40A Field Stop IGBT
FGH40N60SFD FAIRCHILD-FGH40N60SFD Datasheet
806Kb / 9P
   600V, 40A Field Stop IGBT
FGH40N60UFD FAIRCHILD-FGH40N60UFD Datasheet
793Kb / 9P
   600V, 40A Field Stop IGBT
FGB40N60SM FAIRCHILD-FGB40N60SM Datasheet
850Kb / 9P
   600V, 40A Field Stop IGBT
FGI40N60SF FAIRCHILD-FGI40N60SF Datasheet
728Kb / 8P
   600V, 40A Field Stop IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com