Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGTH80TS65D Datasheet(PDF) 6 Page - Rohm

Part # RGTH80TS65D
Description  650V 40A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGTH80TS65D Datasheet(HTML) 6 Page - Rohm

Back Button RGTH80TS65D Datasheet HTML 2Page - Rohm RGTH80TS65D Datasheet HTML 3Page - Rohm RGTH80TS65D Datasheet HTML 4Page - Rohm RGTH80TS65D Datasheet HTML 5Page - Rohm RGTH80TS65D Datasheet HTML 6Page - Rohm RGTH80TS65D Datasheet HTML 7Page - Rohm RGTH80TS65D Datasheet HTML 8Page - Rohm RGTH80TS65D Datasheet HTML 9Page - Rohm RGTH80TS65D Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGTH80TS65D
Electrical Characteristic Curves
Fig.5 Typical Output Characteristics
Collector To Emitter Voltage : VCE[V]
Fig.6 Typical Output Characteristics
Collector To Emitter Voltage : VCE[V]
Fig.7 Typical Transfer Characteristics
Gate To Emitter Voltage : VGE [V]
Fig.8 Typical Collector To Emitter Saturation Voltage
vs. Junction Temperature
Junction Temperature : Tj [ºC]
0
20
40
60
80
100
120
140
160
012345
Tj= 175ºC
VGE= 20V
VGE= 15V
VGE= 12V
VGE= 10V
VGE= 8V
0
20
40
60
80
100
120
140
160
01
234
5
Tj= 25ºC
VGE= 20V
VGE= 15V
VGE= 12V
VGE= 10V
VGE= 8V
0
10
20
30
40
50
60
02
468
10
12
VCE= 10V
Tj= 25ºC
Tj= 175ºC
0
1
2
3
4
25
50
75
100
125
150
175
IC= 80A
IC= 20A
IC= 40A
VGE= 15V
6/11
2015.10 - Rev.C


Similar Part No. - RGTH80TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGTH80TS65 ROHM-RGTH80TS65 Datasheet
1,007Kb / 11P
   650V 40A Field Stop Trench IGBT
More results

Similar Description - RGTH80TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGS80TS65HR ROHM-RGS80TS65HR Datasheet
405Kb / 10P
   650V 40A Field Stop Trench IGBT
2019.02 - Rev.A
RGW80TK65E ROHM-RGW80TK65E Datasheet
1Mb / 12P
   650V 40A Field Stop Trench IGBT
2018.03 - Rev.A
RGTV80TS65 ROHM-RGTV80TS65 Datasheet
974Kb / 10P
   650V 40A Field Stop Trench IGBT
2019.12 - Rev.A
RGS80TS65D ROHM-RGS80TS65D Datasheet
905Kb / 13P
   650V 40A Field Stop Trench IGBT
RGTH80TK65 ROHM-RGTH80TK65 Datasheet
811Kb / 11P
   650V 40A Field Stop Trench IGBT
RGTH80TS65 ROHM-RGTH80TS65 Datasheet
1,007Kb / 11P
   650V 40A Field Stop Trench IGBT
RGTV80TS65D ROHM-RGTV80TS65D Datasheet
1Mb / 12P
   650V 40A Field Stop Trench IGBT
2019.12 - Rev.A
RGW80TK65 ROHM-RGW80TK65 Datasheet
1Mb / 10P
   650V 40A Field Stop Trench IGBT
2017.10 - Rev.A
RGTH80TK65D ROHM-RGTH80TK65D Datasheet
889Kb / 13P
   650V 40A Field Stop Trench IGBT
RGT80TS65D ROHM-RGT80TS65D Datasheet
733Kb / 12P
   650V 40A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com