Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9107B Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT9107B
Description  Dual-Channel Digital Audio System
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9107B Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT9107B Datasheet HTML 18Page - Richtek Technology Corporation RT9107B Datasheet HTML 19Page - Richtek Technology Corporation RT9107B Datasheet HTML 20Page - Richtek Technology Corporation RT9107B Datasheet HTML 21Page - Richtek Technology Corporation RT9107B Datasheet HTML 22Page - Richtek Technology Corporation RT9107B Datasheet HTML 23Page - Richtek Technology Corporation RT9107B Datasheet HTML 24Page - Richtek Technology Corporation RT9107B Datasheet HTML 25Page - Richtek Technology Corporation RT9107B Datasheet HTML 26Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
RT9107B
22
DS9107B-00 November 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DRC Parameter
ADR
Name
B
Bit
Default
0x3A
DRC1_AE
8
U[31:26], DRC1_AE[25:0]
0x0080_0000
DRC1_N_AE
U[31:26], DRC1_N_AE[25:0]
0x0000_0000
0x3B
DRC1_AA
8
U[31:26], DRC1_AA[25:0]
0x0080_0000
DRC1_N_AA
U[31:26], DRC1_N_AA[25:0]
0x0000_0000
0x3C
DRC1_AD
8
U[31:26], DRC1_AD[25:0]
0x0080_0000
DRC1_N_AD
U[31:26], DRC1_N_AD[25:0]
0x0000_0000
0x3D
DRC2_AE
8
U[31:26], DRC2_AE[25:0]
0x0080_0000
DRC2_N_AE
U[31:26], DRC2_N_AE[25:0]
0x0000_0000
0x3E
DRC2_AA
8
U[31:26], DRC2_AA[25:0]
0x0080_0000
DRC2_N_AA
U[31:26], DRC2_N_AA[25:0]
0x0000_0000
0x3F
DRC2_AD
8
U[31:26], DRC2_AD[25:0]
0x0080_0000
DRC2_N_AD
U[31:26], DRC2_N_AD[25:0]
0x0000_0000
0x40
DRC1_T
4
DRC1_T1[31:0]
0xFDA2_1490
0x41
DRC1_K1
4
U[31:26], DRC1_K1[25:0]
0x0384_2109
0x42
DRC1_O1
4
U[31:26], DRC1_O1[25:0]
0x0008_4210
0x43
DRC2_T
4
DRC2_T1[31:0]
0xFDA2_1490
0x44
DRC2_K1
4
U[31:26], DRC2_K1[25:0]
0x0384_2109
0x45
DRC2_O1
4
U[31:26], DRC2_O1[25:0]
0x0008_4210
0xA0
DRC1_E_T
4
DRC1_E_T1[31:0]
0xF7C7_39F3
0xA1
DRC1_E_K
4
U[31:26], DRC1_E_K1[25:0]
0x0000_0000
0xA2
DRC1_N_T
4
U[31:26], DRC1_N_T1[25:0]
0xF5B3_B7C6
0xA3
DRC2_E_T
4
DRC2_E_T1[31:0]
0xF7C7_39F3
0xA4
DRC2_E_K
4
U[31:26], DRC2_E_K1[25:0]
0x0000_0000
0xA5
DRC2_N_T
4
U[31:26], DRC2_N_T1[25:0]
0xF5B3_B7C6
0xA6
DRC3_T
4
DRC3_T1[31:0]
0xFDA2_1490
0xA7
DRC3_K1
4
U[31:26], DRC3_K1[25:0]
0x0384_2109
0xA8
DRC3_O1
4
U[31:26], DRC3_O1[25:0]
0x0008_4210
0xA9
DRC3_E_T
4
DRC3_E_T1[31:0]
0xF7C7_39F3
0xAA
DRC3_E_K
4
U[31:26], DRC3_E_K1[25:0]
0x0000_0000
0xAB
DRC3_N_T
4
U[31:26], DRC3_N_T1[25:0]
0xF5B3_B7C6
0xAC
DRC3_AE
8
U[31:26], DRC3_AE[25:0]
0x0080_0000
DRC3_N_AE
U[31:26], DRC3_N_AE[25:0]
0x0000_0000
0xAD
DRC3_AA
8
U[31:26], DRC3_AA[25:0]
0x0080_0000
DRC3_N_AA
U[31:26], DRC3_N_AA[25:0]
0x0000_0000
0xAE
DRC3_AD
8
U[31:26], DRC3_AD[25:0]
0x0080_0000
DRC3_N_AD
U[31:26], DRC3_N_AD[25:0]
0x0000_0000


Similar Part No. - RT9107B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9101 ETC1-RT9101 Datasheet
110Kb / 3P
   Rotational Transducer
logo
Richtek Technology Corp...
RT9101 RICHTEK-RT9101_11 Datasheet
442Kb / 12P
   2.65W PWM Class-D Power Amplifier
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
   15W Stereo Class-D Audio Power Amplifier
RT9108NB RICHTEK-RT9108NB Datasheet
1Mb / 15P
   15W Stereo Class-D Audio Power Amplifier
April 2013
More results

Similar Description - RT9107B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA333W STMICROELECTRONICS-STA333W Datasheet
660Kb / 42P
   2-channel high-efficiency digital audio system
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
   2.1-channel high-efficiency digital audio system
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
   2.1-channel high-efficiency digital audio system
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
   2.1-channel high-efficiency digital audio system
STA335W STMICROELECTRONICS-STA335W Datasheet
1Mb / 43P
   2.0-channel high-efficiency digital audio system
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
   2.1-channel high-efficiency digital audio system
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
   2.1-channel high-efficiency digital audio system
logo
Cirrus Logic
CS4225 CIRRUS-CS4225 Datasheet
385Kb / 30P
   Digital Audio Conversion System
logo
STMicroelectronics
STA321 STMICROELECTRONICS-STA321 Datasheet
2Mb / 157P
   4-channel digital audio system with FFX??driver
STA333W STMICROELECTRONICS-STA333W_10 Datasheet
1Mb / 49P
   2-channel high-efficiency digital audio system Sound Terminal?
January 2010 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com